Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBL0442 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9DBL0442
Description  4-Output 3.3V PCIe Zero-delay Buffer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBL0442 Datasheet(HTML) 1 Page - Integrated Device Technology

  9DBL0442 Datasheet HTML 1Page - Integrated Device Technology 9DBL0442 Datasheet HTML 2Page - Integrated Device Technology 9DBL0442 Datasheet HTML 3Page - Integrated Device Technology 9DBL0442 Datasheet HTML 4Page - Integrated Device Technology 9DBL0442 Datasheet HTML 5Page - Integrated Device Technology 9DBL0442 Datasheet HTML 6Page - Integrated Device Technology 9DBL0442 Datasheet HTML 7Page - Integrated Device Technology 9DBL0442 Datasheet HTML 8Page - Integrated Device Technology 9DBL0442 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
9DBL0442 / 9DBL0452 FEBRUARY 22, 2017
1
©2017 Integrated Device Technology, Inc.
4-Output 3.3V PCIe Zero-delay
Buffer
9DBL0442 / 9DBL0452
Description
The 9DBL0442 / 9DBL0452 devices are 3.3V members of
IDT's Full-Featured PCIe family. The 9DBL0442 / 9DBL0452
supports PCIe Gen1-4 Common Clocked (CC) and PCIe
Separate Reference Independent Spread (SRIS) systems. It
offers a choice of integrated output terminations providing
direct connection to 85
 or 100 transmission lines. The
9DBL04P2 can be factory programmed with a user-defined
power up default SMBus configuration.
Recommended Application
PCIe Gen1-4 clock distribution for Riser Cards, Storage,
Networking, JBOD, Communications, Access Points
Output Features
4 – 1-200 MHz Low-Power (LP) HCSL DIF pairs
9DBL0442 default ZOUT = 100
9DBL0452 default ZOUT = 85
9DBL04P2 factory programmable defaults
Easy AC-coupling to other logic families, see IDT
application note AN-891
Key Specifications
PCIe Gen1-2-3-4 CC compliant in ZDB mode
PCIe Gen2 SRIS compliant in ZDB mode
Supports PCIe Gen2-3 SRIS in fan-out mode
DIF cycle-to-cycle jitter < 50ps
DIF output-to-output skew < 50ps
Bypass mode additive phase jitter is 0 ps typical rms for
PCIe
Bypass mode additive phase jitter 160fs rms typ. @
156.25M (1.5M to 10M)
Features/Benefits
Direct connection to 100 (xx42) or 85 (xx52)
transmission lines; saves 16 resistors compared to
standard PCIe devices
132mW typical power consumption in PLL mode;
eliminates thermal concerns
SMBus-selectable features allows optimization to customer
requirements:
– control input polarity
– control input pull up/downs
– slew rate for each output
– differential output amplitude
– output impedance for each output
– 50, 100, 125MHz operating frequency
Customer defined SMBus power up default can be
programmed into P2 device; allows exact optimization to
customer requirements
OE# pins; support DIF power management
HCSL-compatible differential input; can be driven by
common clock sources
Spread Spectrum tolerant; allows reduction of EMI
Pin/SMBus selectable PLL bandwidth and PLL Bypass;
minimize phase jitter for each application
Outputs blocked until PLL is locked; clean system start-up
Device contains default configuration; SMBus interface not
required for device operation
Three selectable SMBus addresses; multiple devices can
easily share an SMBus segment
5 × 5 mm 32-VFQFPN package; minimal board space
Block Diagram
Note: Resistors default to internal on xx42/xx52 devices. P2 devices have programmable default impedances on an output-by-output basis.


Similar Part No. - 9DBL0442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL0442BKILF IDT-9DBL0442BKILF Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL0442BKILFT IDT-9DBL0442BKILFT Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
More results

Similar Description - 9DBL0442

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBL04 IDT-9DBL04 Datasheet
305Kb / 19P
   4-output 3.3V PCIe Zero-delay Buffer
9DBL06 IDT-9DBL06 Datasheet
318Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL0242 IDT-9DBL0242 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0841 IDT-9DBL0841 Datasheet
340Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
9DBL02 IDT-9DBL02 Datasheet
300Kb / 19P
   2-output 3.3V PCIe Zero-Delay Buffer
9DBL0641 IDT-9DBL0641 Datasheet
307Kb / 19P
   6-output 3.3V PCIe Zero-Delay Buffer
9DBL08 IDT-9DBL08 Datasheet
354Kb / 19P
   8-output 3.3V PCIe Zero-Delay Buffer
logo
Silicon Laboratories
SI53115 SILABS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER/ ZERO DELAY BUFFER
logo
Skyworks Solutions Inc.
SI53115 SKYWORKS-SI53115 Datasheet
1Mb / 33P
   15-OUTPUT PCIE GEN3 BUFFER / ZERO-DELAY BUFFER
Rev. 1.2
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com