Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5PB1106PGGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 5PB1106PGGI8
Description  1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5PB1106PGGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 5PB1106PGGI8 Datasheet HTML 3Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 9Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 10Page - Integrated Device Technology 5PB1106PGGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
MARCH 28, 2017
7
1.8V TO 3.3V LVCMOS HIGH PERFORMANCE CLOCK BUFFER FAMILY
5PB11xx DATASHEET
Notes:
1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Duty cycle on outputs will match incoming clock duty cycle. Consult IDT for tight duty cycle clock generators.
Phase Noise Plots
The phase noise plots above show the low additive jitter of the 5PB11xx high-performance buffer. With an integration range of
12kHz to 20MHz, the reference input has about 58.9fs of RMS phase jitter while the output of 5PB11xx has about 70.9fs of RMS
phase jitter. This results in a low additive phase jitter of only 39fs.
Test Load and Circuit
Start-up Time
tSTART-UP Part start-up time for valid outputs after VDD ramp-up
3
ms
Propagation Delay (5PB1102/04)
Note 1
1.7
2
2.4
ns
Propagation Delay (5PB1106/08)
1.7
2
2.7
ns
Propagation Delay (5PB1110)
1.7
2
2.5
ns
Buffer Additive Phase Jitter, RMS
156.25MHz, Integration Range: 12kHz-20MHz
0.05
ps
Output to Output Skew (5PB1102/04)
Rising edges at VDD/2, Note 2
35
50
ps
Output to Output Skew (5PB1106)
Rising edges at VDD/2, Note 2
35
58
ps
Output to Output Skew (5PB1108/10)
Rising edges at VDD/2, Note 2
45
65
ps
Device to Device Skew
Rising edges at VDD/2
200
ps
Output Enable Time
tEN
CL < 5pF
3
cycles
Output Disable Time
tDIS
CL < 5pF
3
cycles
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Figure 1. 5PB11xx Reference Phase Noise 58.9fs
(12kHz to 20MHz)
Figure 2. 5PB11xx Output Phase Noise 70.9fs
(12kHz to 20MHz)
5 inches
CL = 5pF
50ohms


Similar Part No. - 5PB1106PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB1106PGGI8 IDT-5PB1106PGGI8 Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
logo
Renesas Technology Corp
5PB1106PGGI8 RENESAS-5PB1106PGGI8 Datasheet
1Mb / 35P
   High-performance 1:2, 1:4, 1:6, 1:8, 1:10 LVCMOS clock buffer
More results

Similar Description - 5PB1106PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5PB11XX IDT-5PB11XX Datasheet
504Kb / 19P
   1.8V to 3.3V LVCMOS High Performance Clock Buffer Family
5PB11XX IDT-5PB11XX_18 Datasheet
678Kb / 21P
   LVCMOS High-Performance Clock Buffer Family
5P8390X IDT-5P8390X Datasheet
373Kb / 18P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
5PB12XX RENESAS-5PB12XX Datasheet
741Kb / 16P
   High-Performance TCXO/LVCMOS Clock Buffer Family
June 7, 2022
2304NZL RENESAS-2304NZL Datasheet
533Kb / 16P
   1.8V to 3.3V, High-Performance 1:4 Clock Buffer
JANUARY 31, 2017
5P8390X RENESAS-5P8390X Datasheet
567Kb / 19P
   High-Performance 1.8V/2.5V/3.3V Crystal Input to LVCMOS Clock Fanout Buffer with OE
2019
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C Datasheet
318Kb / 11P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
August, 2015 ??Rev. 1
logo
Integrated Device Techn...
5PB12XX IDT-5PB12XX_18 Datasheet
379Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
5PB12XX IDT-5PB12XX Datasheet
316Kb / 15P
   3-Channel High-Performance TCXO/LVCMOS Clock Buffer Family
logo
ON Semiconductor
NB3V1102C ONSEMI-NB3V1102C_16 Datasheet
330Kb / 12P
   3.3V/2.5V/1.8V LVCMOS Low Skew Fanout Buffer Family
March, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com