Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5943BdddNDGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 5P49V5943BdddNDGI8
Description  Programmable Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5943BdddNDGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 5P49V5943BdddNDGI8 Datasheet HTML 6Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 7Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 8Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 9Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 10Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 11Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 12Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 13Page - Integrated Device Technology 5P49V5943BdddNDGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
PROGRAMMABLE CLOCK GENERATOR
10
MARCH 3, 2017
5P49V5943 DATASHEET
Table 9: Input Capacitance, LVCMOS Output Impedance, and Internal Pull-down
Resistance (TA = +25 °C)
Table 10: DC Electrical Characteristics
Table 11: Electrical Characteristics – Differential Clock Input Parameters 1,2 (Supply
Voltage VDDA, VDDD, VDDO0 = 3.3V ±5%, 2.5V ±5%, 1.8V ±5%, TA = -40°C to +85°C)
1. Guaranteed by design and characterization, not 100% tested in production.
2. Slew rate measured through ±75mV window centered around differential zero.
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Capacitance (CLKIN, CLKINB, SD/OE, SEL1/SDA,
SEL0/SCL)
37
pF
Pull-down Resistor
SD/OE, SEL1/SDA, SEL0/SCL, CLKIN, CLKINB,
OUT0_SEL_I2CB
100
300
kΩ
ROUT
LVCMOS Output Driver Impedance (VDDO = 1.8V, 2.5V, 3.3V)
17
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Iddcore3
Core Supply Current
100 MHz on all outputs, 25 MHz
REFCLK
30
34
mA
LVPECL, 350 MHz, 3.3V VDDOx
42
47
mA
LVPECL, 350 MHz, 2.5V VDDOx
37
42
mA
LVDS, 350 MHz, 3.3V VDDOx
18
21
mA
LVDS, 350 MHz, 2.5V VDDOx
17
20
mA
LVDS, 350 MHz, 1.8V VDDOx
16
19
mA
HCSL, 250 MHz, 3.3V VDDOx, 2 pF load
29
33
mA
HCSL, 250 MHz, 2.5V VDDOx, 2 pF load
28
33
mA
LVCMOS, 50 MHz, 3.3V, VDDOx 1,2
16
18
mA
LVCMOS, 50 MHz, 2.5V, VDDOx 1,2
14
16
mA
LVCMOS, 50 MHz, 1.8V, VDDOx 1,2
12
14
mA
LVCMOS, 200 MHz, 3.3V VDDOx1
36
42
mA
LVCMOS, 200 MHz, 2.5V VDDOx1,2
27
32
mA
LVCMOS, 200 MHz, 1.8V VDDOx1,2
16
19
mA
Iddpd
Power Down Current
SD asserted, I2C Programming
10
14
mA
1. Single CMOS driver active.
2. Measured into a 5” 50 Ohm trace with 2 pF load.
3. Iddcore = IddA+ IddD, no loads.
Iddox
Output Buffer Supply Current
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Input High Voltage - CLKIN, CLKINBSingle-ended input
0.55
1.7
V
VIL
Input Low Voltage - CLKIN, CLKINB Single-ended input
GND - 0.3
0.4
V
VSWING
Input Amplitude - CLKIN, CLKINB
Peak to Peak value, single-ended
200
1200
mV
dv/dt
Input Slew Rate - CLKIN, CLKINB
Measured differentially
0.4
8
V/ns
IIL
Input Leakage Low Current
VIN = GND
-5
5
µA
IIH
Input Leakage High Current
VIN = 1.7V
20
µA
dTIN
Input Duty Cycle
Measurement from differential waveform
45
55
%


Similar Part No. - 5P49V5943BdddNDGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P49V5943BDDDNDGI8 RENESAS-5P49V5943BDDDNDGI8 Datasheet
619Kb / 34P
   Programmable Clock Generator
MARCH 3, 2017
More results

Similar Description - 5P49V5943BdddNDGI8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com