Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5341-EVB Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI5341-EVB
Description  Powered from USB port or external power supply
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5341-EVB Datasheet(HTML) 3 Page - Silicon Laboratories

  SI5341-EVB Datasheet HTML 1Page - Silicon Laboratories SI5341-EVB Datasheet HTML 2Page - Silicon Laboratories SI5341-EVB Datasheet HTML 3Page - Silicon Laboratories SI5341-EVB Datasheet HTML 4Page - Silicon Laboratories SI5341-EVB Datasheet HTML 5Page - Silicon Laboratories SI5341-EVB Datasheet HTML 6Page - Silicon Laboratories SI5341-EVB Datasheet HTML 7Page - Silicon Laboratories SI5341-EVB Datasheet HTML 8Page - Silicon Laboratories SI5341-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Si5341-EVB
Rev. 1.1
3
2. Si5341-EVB Support Documentation and ClockBuilderProSoftware
All Si5341 schematics, BOMs, User’s Guides, and software can be found online at the following link:
http://www.silabs.com/products/clocksoscillators/pages/si538x-4x-evb.aspx
3. Quick Start
1. Install ClockBuilderPro desktop software from http://www.silabs.com/CBPro.
2. Connect a USB cable from Si5341-EVB to the PC where the software was installed.
3. Leave the jumpers as installed from the factory, and launch the ClockBuilderPro software.
4. You can use ClockBuilderPro to create, download, and run a frequency plan on the Si5341-EVB.
5. For the Si5341 data sheet, go to http://www.silabs.com/timing.
4. Jumper Defaults
Refer to the Si5341 EVB schematics for the functionality associated with each jumper.
Si5341 EVB Jumper Defaults
Location
Type
I = Installed
0 = Open
Location
Type
I = Installed
0 = Open
JP1
2 pin
O
JP23
2 pin
O
JP2
2 pin
I
JP24
2 pin
O
JP3
2 pin
O
JP25
2 pin
O
JP4
2 pin
I
JP26
2 pin
O
JP5
2 pin
I
JP27
2 pin
O
JP6
2 pin
I
JP28
2 pin
O
JP7
2 pin
I
JP29
2 pin
O
JP8
2 pin
I
JP30
2 pin
O
JP9
2 pin
O
JP31
2 pin
O
JP10
2 pin
I
JP32
2 pin
O
JP13
2 pin
O
JP33
2 pin
O
JP14
2 pin
I
JP34
2 pin
O
JP15
3 pin
1 to 2
JP35
2 pin
O
JP16
3 pin
1 to 2
JP36
2 pin
O
JP17
2 pin
O
JP38
3 pin
all open
JP18
2 pin
O
JP39
2 pin
O
JP19
2 pin
O
JP40
2 pin
O
JP20
2 pin
O
JP41
2 pin
O
JP21
2 pin
O
JP22
2 pin
O
J36
5x2 Hdr
All 5 installed


Similar Part No. - SI5341-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5341-D-EVB SILABS-Si5341-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5341-D-EVB SKYWORKS-SI5341-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Similar Description - SI5341-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5340-EVB SILABS-SI5340-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com