Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI5340-EVB Datasheet(PDF) 10 Page - Silicon Laboratories

Part # SI5340-EVB
Description  Powered from USB port or external power supply
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5340-EVB Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button SI5340-EVB Datasheet HTML 6Page - Silicon Laboratories SI5340-EVB Datasheet HTML 7Page - Silicon Laboratories SI5340-EVB Datasheet HTML 8Page - Silicon Laboratories SI5340-EVB Datasheet HTML 9Page - Silicon Laboratories SI5340-EVB Datasheet HTML 10Page - Silicon Laboratories SI5340-EVB Datasheet HTML 11Page - Silicon Laboratories SI5340-EVB Datasheet HTML 12Page - Silicon Laboratories SI5340-EVB Datasheet HTML 13Page - Silicon Laboratories SI5340-EVB Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Si5340-EVB
10
Rev. 1.0
Verify Free-Run Mode Operation
Assuming no external clocks have been connected to the INPUT CLOCK differential SMA connectors (labeled
"INx/INxB") located around the perimeter of the EVB, the DUT should now be operating in free-run mode, as the
DUT will be locked to the crystal in this case.
You can run a quick check to determine if the device is powered up and generating output clocks (and consuming
power) by clicking on the Read All button (the bottom-right of Figure 14) and then reviewing the voltage, current,
and power readings for each VDDx supply.
Note: Shutting the VDD and VDDA power supplies "Off" and then "On" will power-down and reset the DUT. Every time you do
this, to reload the Silicon Labs-created default plan into the DUT's register space, you must go back to the Wizard's main
menu and select Write Design to EVB:
Figure 15. Write Design to EVB
Failure to do the step above will cause the device to read in a pre-programmed plan from its non-volatile memory (NVM).
However, the plan loaded from the NVM may not be the latest plan recommended by Silicon Labs for evaluation.
At this point, you should verify the presence and frequencies of the output clocks (running in free-run mode from
the crystal) using appropriate external instrumentation connected to the output clock SMA connectors. To verify the
output clocks are toggling at the correct frequency and signal format, click on View Design Report as highlighted
in Figure 16.
Figure 16. View Design Report


Similar Part No. - SI5340-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5340-D-EVB SILABS-Si5340-D-EVB Datasheet
5Mb / 53P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
logo
Skyworks Solutions Inc.
SI5340-D-EVB SKYWORKS-SI5340-D-EVB Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results

Similar Description - SI5340-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5346-EVB SILABS-SI5346-EVB Datasheet
2Mb / 20P
   Powered from USB port or external power supply
SI5342-EVB SILABS-SI5342-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
   Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
   Powered from USB port or external power supply
SI5345-EVB SILABS-SI5345-EVB Datasheet
2Mb / 19P
   Powered from USB port or external power supply
SI5347-EVB SILABS-SI5347-EVB Datasheet
2Mb / 21P
   Powered from USB port or external
logo
Maxim Integrated Produc...
DS28E17EVKIT MAXIM-DS28E17EVKIT Datasheet
2Mb / 22P
   USB Powered with No External Power Supply Required
Rev 0; 6/15
logo
List of Unclassifed Man...
XS202 ETC2-XS202 Datasheet
328Kb / 1P
   port-powered with an optional external power supply terminal
logo
Silicon Laboratories
SI5356-EVB SILABS-SI5356-EVB Datasheet
1Mb / 16P
   Fully powered from a single USB port
SI535X-20QFN-EVB SILABS-SI535X-20QFN-EVB Datasheet
377Kb / 14P
   Fully-powered from a single USB port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com