Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1408 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1408
Description  5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1408 Datasheet(HTML) 5 Page - Analog Devices

  ADG1408 Datasheet HTML 1Page - Analog Devices ADG1408 Datasheet HTML 2Page - Analog Devices ADG1408 Datasheet HTML 3Page - Analog Devices ADG1408 Datasheet HTML 4Page - Analog Devices ADG1408 Datasheet HTML 5Page - Analog Devices ADG1408 Datasheet HTML 6Page - Analog Devices ADG1408 Datasheet HTML 7Page - Analog Devices ADG1408 Datasheet HTML 8Page - Analog Devices ADG1408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADG1408/ADG1409
Parameter
+25ºC
−40ºC to +85ºC
−40ºC to +125ºC
Unit
Test Conditions/Comments
Test Circuit 8
OFF Isolation
–75
dB typ
RL = 1 kΩ f = 100 kHz;
VEN = 0 V; Test Circuit 9
Channel-to-Channel Crosstalk
85
dB typ
RL = 1 kΩ, f = 100 kHz;
Test Circuit 10
Total Harmonic Distortion, THD + N
0.002
% typ
RL = 600 Ω, 5Vrms; f=20Hz to 20kHz
-3dB Bandwidth
50
MHz typ
RL = 300 Ω, CL = 5 pF; Test Circuit 10
CS (OFF)
15
pF typ
f = 1 MHz
CD (OFF)
f = 1 MHz
ADG1408
100
pF typ
ADG1409
50
pF typ
CD, CS (ON)
f = 1 MHz
ADG1408
150
pF typ
ADG1409
75
pF typ
POWER REQUIREMENTS
VDD = 13.2V
IDD
1
1
µA typ
Digital Inputs= 0 V or VDD
5
5
µA max
IDD
150
µA typ
Digital Inputs= 5
300
µA max
1 Temperature ranges are as follows: B Version: –40°C to +85° ; T Version: –55°C to +125°.
2 Guaranteed by design, not subject to production test.
DUAL SUPPLY1
Table 3. VDD = +5 V ± 10%, VSS = –5 V ± 10%, GND = 0 V, unless otherwise noted.
Parameter
+25ºC
−40ºC to
+85ºC
−40ºC to
+125ºC
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
RON
6
Ω typ
VD = ±3.3 V, IS = −10 mA
7
8
10
Ω max
∆RON
0.5
Ω max
VD = +3.3 V, −3.3 V
LEAKAGE CURRENTS
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = ±3.3 V, VS = −3.3 V;
Test Circuit 2
±0.5
±2.5
±50
nA max
Drain OFF Leakage ID (OFF)
VD = ±3.3. V; VS = ±3.3 V;
ADG1408
±1
±100
±100
nA max
Test Circuit 3
ADG1409
±1
±50
±50
nA max
Channel ON Leakage ID, IS (ON)
VS = VD = ±3.3 V;
ADG1408
±1
±100
±100
nA max
Test Circuit 4
ADG1409
±1
±50
±50
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
2.0
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Current
IINL or IINH
±0.005
µA max
VIN= VINL or VINH
±0.5
±0.5
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS2
tTRANSITION
120
120
ns typ
RL = 300 Ω, CL = 35 pF;
Rev. B | Page 5 of 16


Similar Part No. - ADG1408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1408L AD-ADG1408L Datasheet
857Kb / 21P
   4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408LYCPZ-REEL7 AD-ADG1408LYCPZ-REEL7 Datasheet
857Kb / 21P
   4 Ω RON, 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1408YCPZ-REEL7 AD-ADG1408YCPZ-REEL7 Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
logo
Texas Instruments
ADG1408YRUZ TI1-ADG1408YRUZ Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
logo
Analog Devices
ADG1408YRUZ AD-ADG1408YRUZ Datasheet
459Kb / 20P
   4.7 OHM maximum on resistance
REV. B
More results

Similar Description - ADG1408

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
   Single 4:1 Low rON Multiplexers
Rev. A, 01-Sept-03
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Analog Devices
AD7502 AD-AD7502_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7501KD AD-AD7501KD Datasheet
353Kb / 4P
   4 / 8 Channel Analog Multiplexers
AD7501 AD-AD7501_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
AD7503 AD-AD7503_15 Datasheet
205Kb / 4P
   4-/8-Channel Analog Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com