Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9248-40PCB Datasheet(PDF) 9 Page - Analog Devices

Part # AD9248-40PCB
Description  14-Bit, 20/40/65 MSPS Dual A/ D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9248-40PCB Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9248-40PCB Datasheet HTML 5Page - Analog Devices AD9248-40PCB Datasheet HTML 6Page - Analog Devices AD9248-40PCB Datasheet HTML 7Page - Analog Devices AD9248-40PCB Datasheet HTML 8Page - Analog Devices AD9248-40PCB Datasheet HTML 9Page - Analog Devices AD9248-40PCB Datasheet HTML 10Page - Analog Devices AD9248-40PCB Datasheet HTML 11Page - Analog Devices AD9248-40PCB Datasheet HTML 12Page - Analog Devices AD9248-40PCB Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Preliminary Technical Data
AD9248
Rev. PrE | Page 9 of 23
ABSOLUTE MAXIMUM RATINGS
Table 5. AD9248 Absolute Maximum Ratings
1
Parameter
Rating
Pin Name
With Respect To
Min
Max
Unit
ELECTRICAL
AVDD
AGND
- 0.3
+3.9
V
DRVDD
DRGND
- 0.3
+3.9
V
AGND
DRGND
- 0.3
+0.3
V
AVDD
DRVDD
- 3.9
+3.9
V
Digital Outputs CLK, DCS, MUX_SELECT, SHARED_REF,
DRGND
- 0.3
DRVDD + 0.3
V
OEB, DFS
AGND
- 0.3
AVDD + 0.3
V
VINA, VINB
AGND
- 0.3
AVDD + 0.3
V
VREF
AGND
- 0.3
AVDD + 0.3
V
SENSE
AGND
- 0.3
AVDD + 0.3
V
REFB, REFT
AGND
- 0.3
AVDD + 0.3
V
PDWN
AGND
- 0.3
AVDD + 0.3
V
ENVIRONMENTAL
2
Operating Temperature
- 45
+85
°C
Junction Temperature
+150
°C
Lead Temperature (10 sec)
+300
°C
Storage Temperature
- 65
+150
°C
1 Absolute maximum ratings are limiting values to be applied individually, and beyond which the serviceability of the circuit may be impaired. Functional
operability is not necessarily implied. Exposure to absolute maximum rating conditions for an extended period of time may affect device reliability.
2 Typical thermal impedances (64-lead LQFP); ? ?
JA = 54°C/W. These measurements were taken on a 4-layer board in still air, in accordance with
EIA/JESD51-7.
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI 100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although this
product features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.


Similar Part No. - AD9248-40PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248 AD-AD9248 Datasheet
1Mb / 49P
   Dual A/D Converter
AD9248BCP-20EB AD-AD9248BCP-20EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-40EB AD-AD9248BCP-40EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EB AD-AD9248BCP-65EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9248BCP-65EBZ AD-AD9248BCP-65EBZ Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results

Similar Description - AD9248-40PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9238 AD-AD9238_15 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. C
AD9238 AD-AD9238_05 Datasheet
1Mb / 48P
   12-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com