Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN14237 Datasheet(PDF) 8 Page - Cree, Inc

Part # CN14237
Description  Winnie series
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN14237 Datasheet(HTML) 8 Page - Cree, Inc

Back Button CN14237 Datasheet HTML 4Page - Cree, Inc CN14237 Datasheet HTML 5Page - Cree, Inc CN14237 Datasheet HTML 6Page - Cree, Inc CN14237 Datasheet HTML 7Page - Cree, Inc CN14237 Datasheet HTML 8Page - Cree, Inc CN14237 Datasheet HTML 9Page - Cree, Inc CN14237 Datasheet HTML 10Page - Cree, Inc CN14237 Datasheet HTML 11Page - Cree, Inc CN14237 Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Relative intensity of CN14237_WINNIE-M_(CXA1304)


Similar Part No. - CN14237

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN14237 LEDIL-CN14237 Datasheet
7Mb / 14P
   ~35째 medium beam.
More results

Similar Description - CN14237

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN14236 CREE-CN14236 Datasheet
4Mb / 89P
   Winnie series
CN14811 CREE-CN14811 Datasheet
4Mb / 62P
   Winnie series
CN14238 CREE-CN14238 Datasheet
3Mb / 72P
   Winnie series
logo
Ledil, Inc.
CN15825 LEDIL-CN15825 Datasheet
1Mb / 27P
   Winnie Assembly
CN15822 LEDIL-CN15822 Datasheet
1Mb / 25P
   Winnie Assembly
CN15824 LEDIL-CN15824 Datasheet
1Mb / 25P
   Winnie Assembly
CN15826 LEDIL-CN15826 Datasheet
1Mb / 25P
   Winnie Assembly
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com