Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CDR11BG101ABNS Datasheet(PDF) 7 Page - AVX Corporation

Part No. CDR11BG101ABNS
Description  Microwave MLC’s
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AVX [AVX Corporation]
Homepage  http://www.avx.com
Logo AVX - AVX Corporation

CDR11BG101ABNS Datasheet(HTML) 7 Page - AVX Corporation

  CDR11BG101ABNS Datasheet HTML 1Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 2Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 3Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 4Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 5Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 6Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 7Page - AVX Corporation CDR11BG101ABNS Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8
218
Microwave MLC’s
Performance Curves
AVX CORPORATION
100
1000
Frequency (MHz)
2 Picofarad
15 Picofarad
100 Picofarad
1000
100
10
Q
10000
TYPICAL Q vs. FREQUENCY
AQ13/14
MIL-PRF-55681E - BP
STANDARD - A
AVX CORPORATION
1
10
100
Capacitance (pF)
250 MHz
500 MHz
1000 MHz
0.1
0.01
ESR (ohms)
1
TYPICAL ESR vs. CAPACITANCE
AQ13/14
MIL-PRF-55681E - BP
STANDARD - A
AVX CORPORATION
1
10
100
Capacitance (pF)
250 MHz
500 MHz
1000 MHz
1000
100
10
Q
10000
TYPICAL Q vs. CAPACITANCE
AQ13/14
MIL-PRF-55681E - BP
STANDARD - A
AVX CORPORATION
100
1000
Frequency (MHz)
100 Picofarad
47 Picofarad
15 Picofarad
0.1
0.01
ESR (ohms)
1
TYPICAL ESR vs. FREQUENCY
AQ13/14
MIL-PRF-55681E - BP
STANDARD - A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn