Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5935BdddLTGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5P49V5935BdddLTGI8
Description  Programmable Clock Generator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5935BdddLTGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5P49V5935BdddLTGI8 Datasheet HTML 7Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 8Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 9Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 10Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 11Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 12Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 13Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 14Page - Integrated Device Technology 5P49V5935BdddLTGI8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
MARCH 10, 2017
11
PROGRAMMABLE CLOCK GENERATOR
5P49V5935 DATASHEET
Table 12:Electrical Characteristics – Differential Clock Input Parameters 1,2 (Supply
Voltage VDDA, VDDD, VDDO0 = 3.3V ±5%, 2.5V ±5%, 1.8V ±5%, TA = -40°C to +85°C)
1. Guaranteed by design and characterization, not 100% tested in production.
2. Slew rate measured through ±75mV window centered around differential zero.
Table 13:DC Electrical Characteristics for 3.3V LVCMOS (VDDO = 3.3V±5%, TA = -40°C to +85°C)
1
1. See “Recommended Operating Conditions” table.
Table 14:DC Electrical Characteristics for 2.5V LVCMOS (VDDO = 2.5V±5%, TA = -40°C to +85°C)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIH
Input High Voltage - CLKIN, CLKINBSingle-ended input
0.55
1.7
V
VIL
Input Low Voltage - CLKIN, CLKINB Single-ended input
GND - 0.3
0.4
V
VSWING
Input Amplitude - CLKIN, CLKINB
Peak to Peak value, single-ended
200
1200
mV
dv/dt
Input Slew Rate - CLKIN, CLKINB
Measured differentially
0.4
8
V/ns
IIL
Input Leakage Low Current
VIN = GND
-5
5
µA
IIH
Input Leakage High Current
VIN = 1.7V
20
µA
dTIN
Input Duty Cycle
Measurement from differential waveform
45
55
%
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -15mA
2.4
VDDO
V
VOL
Output LOW Voltage
IOL = 15mA
0.4
V
IOZDD
Output Leakage Current (OUT1~4) Tri-state outputs, VDDO = 3.465V
5µA
IOZDD
Output Leakage Current (OUT0)
Tri-state outputs, VDDO = 3.465V
30
µA
VIH
Input HIGH Voltage
Single-ended inputs - CLKSEL, SD/OE
0.7xVDDD
VDDD + 0.3
V
VIL
Input LOW Voltage
Single-ended inputs - CLKSEL, SD/OE
GND - 0.3
0.3xVDDD
V
VIH
Input HIGH Voltage
Single-ended input OUT0_SEL_I2CB
2VDDO0 + 0.3
V
VIL
Input LOW Voltage
Single-ended input OUT0_SEL_I2CB
GND - 0.3
0.4
V
TR/TF
Input Rise/Fall Time
CLKSEL, SD/OE, SEL1/SDA,
SEL0/SCL
300
ns
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = -12mA
0.7xVDDO
V
VOL
Output LOW Voltage
IOL = 12mA
0.4
V
IOZDD
Output Leakage Current (OUT1~4) Tri-state outputs, VDDO = 2.625V
5µA
IOZDD
Output Leakage Current (OUT0)
Tri-state outputs, VDDO = 2.625V
30
µA
VIH
Input HIGH Voltage
Single-ended inputs - CLKSEL, SD/OE
0.7xVDDD
VDDD + 0.3
V
VIL
Input LOW Voltage
Single-ended inputs - CLKSEL, SD/OE
GND - 0.3
0.3xVDDD
V
VIH
Input HIGH Voltage
Single-ended input OUT0_SEL_I2CB
1.7
VDDO0 + 0.3
V
VIL
Input LOW Voltage
Single-ended input OUT0_SEL_I2CB
GND - 0.3
0.4
V
TR/TF
Input Rise/Fall Time
CLKSEL, SD/OE, SEL1/SDA,
SEL0/SCL
300
ns


Similar Part No. - 5P49V5935BdddLTGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P49V5935BDDDLTGI8 RENESAS-5P49V5935BDDDLTGI8 Datasheet
609Kb / 33P
   Programmable Clock Generator
NOVEMBER 1, 2017
More results

Similar Description - 5P49V5935BdddLTGI8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com