Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4022 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4022
Description  Programmable output power level
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4022 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4022 Datasheet HTML 7Page - Silicon Laboratories SI4022 Datasheet HTML 8Page - Silicon Laboratories SI4022 Datasheet HTML 9Page - Silicon Laboratories SI4022 Datasheet HTML 10Page - Silicon Laboratories SI4022 Datasheet HTML 11Page - Silicon Laboratories SI4022 Datasheet HTML 12Page - Silicon Laboratories SI4022 Datasheet HTML 13Page - Silicon Laboratories SI4022 Datasheet HTML 14Page - Silicon Laboratories SI4022 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Si4022
 
 
 
0
Frequency Setting Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
 
1
0
1
0
f11
f10
f9
f8
f7
f6
f5
f4
f3
f2
f1
f0
AD57h
The 12-bit parameter of the Frequency Setting
Command <f11 : f0> has the value F. The value F
should be in the range of 96 and 3903. When F is out
of range, the previous value is kept. The synthesizer
The constant C is determined by
the selected band as:
center frequency f can be calculated as:
= 8 * 10 MHz * (C + F/4000)
Power Management Command
bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
POR
 
1
1
0
0
0
0
0
0
0
0
ex
es
etr
eb
et
dc
C002h
Bit 5 <ex>:
Enables the the crystal oscillator.
Bit 4 <es>:
Enables the synthesizer.
Bit 3 <etr>:
Enables the power amplifier. If the ex and es bit is not set, it switches on the crystal oscillator and the
synthesizer as well.
In FIFO mode (bit fe is set in the FIFO Setting Command) setting this bit will roll out the content of the FIFO.
Bit 2 <eb>:
Enables the low battery detector.
Bit 1 <et>:
Enables the wake-up timer.
Bit 0 <dc>:
Disables the clock output buffer.
N
N
Nooottteee:
If faster operation is needed, then leave ex and es bit set to ‘1’ and toggle only the etr bit.
Power Saving Modes
The different operating modes of the chip depend on the following control bits:
Operating Mode
eb or et
es
etr
ex
Active (transmit)
X
x
1
x
Idle
X
0
0
1
Sleep
1
0
0
0
Standby
0
0
0
0
Transmitter FIFO Write Command
Bit
7
6
5
4
3
2
1
0
POR
 
1
1
0
0
0
1
1
0
-
With this command, the controller can write databits to the transmitter FIFO. Bit (fe) must be set in the FIFO Setting Command.
f
0
Band [MHz]
C
868
10
915
11


Similar Part No. - SI4022

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4020 SILABS-SI4020 Datasheet
1Mb / 32P
   Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
   Automatic antenna tuning circuit
More results

Similar Description - SI4022

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4355-3 AD-ADF4355-3 Datasheet
1Mb / 35P
   Programmable output power level
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
   Programmable output power level
logo
NXP Semiconductors
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
   Unity gain level programmable power compandor
1997 Nov 07
logo
Texas Instruments
UCC2819 TI-UCC2819 Datasheet
156Kb / 10P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819A TI-UCC2819A Datasheet
508Kb / 21P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
UCC2819 TI1-UCC2819_16 Datasheet
420Kb / 16P
[Old version datasheet]   PROGRAMMABLE OUTPUT POWER FACTOR PREREGULATOR
logo
Kinetic Technologies.
KTZ8812 KINETIC-KTZ8812 Datasheet
108Kb / 2P
   Programmable Dual Output Power Supply
January 2018 - Revision 04b
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
   3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Cypress Semiconductor
CY22U1 CYPRESS-CY22U1 Datasheet
483Kb / 15P
   Single Output, Low Power Programmable
logo
NXP Semiconductors
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
   Unity gain level programmable low power compandor
December 15, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com