Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5925BdddNLGI Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 5P49V5925BdddNLGI
Description  Programmable Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5925BdddNLGI Datasheet(HTML) 4 Page - Integrated Device Technology

  5P49V5925BdddNLGI Datasheet HTML 1Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 2Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 3Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 4Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 5Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 6Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 7Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 8Page - Integrated Device Technology 5P49V5925BdddNLGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
PROGRAMMABLE CLOCK GENERATOR
4
MARCH 3, 2017
5P49V5925 DATASHEET
23
VDDO0Power
Power supply pin for OUT0_SEL_I2CB. Connect to 1.8 to 3.3V. Sets output voltage
levels for OUT0.
24
OUT0_SEL_I2CB
Input/
Output
Internal
Pull-down
Latched input/LVCMOS Output. At power up, the voltage at the pin
OUT0_SEL_I2CB is latched by the part and used to select the state of pins 8 and 9.
If a weak pull up (10kohms) is placed on OUT0_SEL_I2CB, pins 8 and 9 will be
configured as hardware select pins, SEL1 and SEL0. If a weak pull down (10Kohms)
is placed on OUT0_SEL_I2CB or it is left floating, pins 8 and 9 will act as the SDA
and SCL pins of an I2C interface. After power up, the pin acts as a LVCMOS
reference output.
ePAD
GND
GND
Connect to ground pad.
Number
Name
Type
Description


Similar Part No. - 5P49V5925BdddNLGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P49V5925BDDDNLGI RENESAS-5P49V5925BDDDNLGI Datasheet
691Kb / 27P
   Programmable Clock Generator
FEBRUARY 21, 2019
5P49V5925BDDDNLGI8 RENESAS-5P49V5925BDDDNLGI8 Datasheet
691Kb / 27P
   Programmable Clock Generator
FEBRUARY 21, 2019
More results

Similar Description - 5P49V5925BdddNLGI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com