Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5P49V5908BdddNDGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 5P49V5908BdddNDGI8
Description  Programmable Clock Generator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5P49V5908BdddNDGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  5P49V5908BdddNDGI8 Datasheet HTML 1Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 2Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 3Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 4Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 5Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 6Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 7Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 8Page - Integrated Device Technology 5P49V5908BdddNDGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DATASHEET
5P49V5908 MARCH 10, 2017
1
©2017 Integrated Device Technology, Inc.
Programmable Clock Generator
5P49V5908
Description
The 5P49V5908 is a programmable clock generator intended
for high performance consumer, networking, industrial,
computing, and data-communications applications.
Configurations may be stored in on-chip One-Time
Programmable (OTP) memory or changed using I2C
interface. This is IDTs fifth generation of programmable clock
technology (VersaClock® 5).
The frequencies are generated from a single reference clock
or crystal. Two select pins allow up to 4 different
configurations to be programmed and accessible using
processor GPIOs or bootstrapping. The different selections
may be used for different operating modes (full function,
partial function, partial power-down), regional standards (US,
Japan, Europe) or system production margin testing.
The device may be configured to use one of two I2C
addresses to allow multiple devices to be used in a system.
Pin Assignment
Features
Generates up to four independent output frequencies with a
total of 11 differential outputs and one reference output
Supports multiple differential output I/O standards:
– Three universal outputs pairs with each configurable
as one differential output pair (LVDS, LVPECL or
regular HCSL) or two LVCMOS outputs. Frequency
of each output pair can be individually programmed
– Eight copies of Low Power HCSL(LP-HCSL) outputs.
Programmable frequency
– See Output Features and Descriptions for details
One reference LVCMOS output clock
High performance, low phase noise PLL, < 0.7 ps RMS
typical phase jitter on outputs:
– PCIe Gen1, 2, 3 compliant clock capability
– USB 3.0 compliant clock capability
– 1 GbE and 10 GbE
Four fractional output dividers (FODs)
Independent Spread Spectrum capability from each
fractional output divider (FOD)
Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
I2C serial programming interface
Input frequency ranges:
– LVCMOS Reference Clock Input (XIN/REF) – 1MHz
to 200MHz
– Crystal frequency range: 8MHz to 40MHz
Output frequency ranges:
– LVCMOS Clock Outputs – 1MHz to 200MHz
– LP-HCSL Clock Outputs – 1MHz to 200MHz
– Other Differential Clock Outputs – 1MHz to 350MHz
Programmable loop bandwidth
Programmable crystal load capacitance
Power-down mode
Mixed voltage operation:
– 1.8V core
– 1.8V VDDO for 8 LP-HCSL outputs
– 1.8V to 3.3V VDDO for other outputs
(3 programmable differential outputs and 1 reference
output)
– See Pin Descriptions for details
Available in 48-pin VFQFPN package (NDG48)
-40° to +85°C industrial temperature operation
1
13
48-pin VFQFPN
43
31
XOUT
XIN/REF
VDDO
OUT10B
OUT2
OUT9B
OUT9
OUT2B
VDDO2
VDDA
EPAD
2
3
4
5
6
14 15 16 17 18
32
33
34
35
36
44
45
46
47
48
7
8
9
10
11
12
19 20 21 22 23 24
25
26
27
28
29
30
37
38
39
40
41
42
VDDO
OUT8B
OUT8
OUT7B
OUT7
SD/OE
OEB7_10
NC
OUT3
OUT3B
VDD
VDD_CORE
NC
NC


Similar Part No. - 5P49V5908BdddNDGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5P49V5908BDDDNDGI8 RENESAS-5P49V5908BDDDNDGI8 Datasheet
634Kb / 31P
   Programmable Clock Generator
MARCH 10, 2017
More results

Similar Description - 5P49V5908BdddNDGI8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
   Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
   Programmable Clock Generator
5P49V6914 IDT-5P49V6914 Datasheet
444Kb / 37P
   Programmable Clock Generator
5P49V5923 IDT-5P49V5923_17 Datasheet
413Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com