Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678BWS Datasheet(PDF) 5 Page - Analog Devices

Part No. AD10678BWS
Description  16-Bit, 80 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10678BWS Datasheet(HTML) 5 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AD10678
Rev. A | Page 5 of 20
SWITCHING SPECIFICATIONS
Table 4. AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V; TA = 25°C, Differential Encode = 80 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Parameter
Test Level
Min
Typ
Max
Unit
MAXIMUM CONVERSION RATE
I
80
MSPS
MINIMUM CONVERSION RATE
IV
30
MSPS
DUTY CYCLE
IV
40
60
%
ENCODE INPUTS PARAMETERS
Encode Period @ 80 MSPS, tENC
V
12.5
ns
Encode Pulse Width High @ 80 MSPS, tENCH
V
6.25
ns
Encode Pulse Width Low @ 80 MSPS, tENCL
V
6.25
ns
ENCODE/DATA (D15:D0)
Propagation Delay, tPDH
6.7
ns
Valid Time, tPDL
7.3
ns
ENCODE/DATA READY1
Encode Rising to Data Ready Falling, tDR_F
12.6
ns
Encode Rising to Data Ready Rising, tDR_R
6.4
ns
DATA READY/DATA1
Data Ready to Data (Hold Time)—tH_DR
10
ns
Data Ready to Data (Setup Time)—tS_DR
1
ns
APERTURE DELAY, tA
V
480
ps
APERTURE UNCERTAINTY (JITTER), tJ
V
500
fs rms
PIPELINE DELAYS
V
10
Cycles
1 Duty Cycle = 50%.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn