Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 4 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10678 Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AD10678
Rev. A | Page 4 of 20
AC SPECIFICATIONS
Table 3. AVCC = 5 V, EVCC = 3.3 V, VDD = 3.3 V; TA = 25°C, Differential Encode = 80 MSPS, CLOAD ≤ 10 pF, unless otherwise noted.
Parameter
Test Level
Min
Typ
Max
Unit
SNR 1
Analog Input
2.5 MHz
I
77.5
80.5
dBFS
@ –6 dBFS
10 MHz
I
77.5
80.5
dBFS
30 MHz
I
77
80.2
dBFS
70 MHz
I
76
78
dBFS
SINAD 2
Analog Input
2.5 MHz
I
77.2
80.3
dBFS
@ –6 dBFS
10 MHz
I
77.2
80.3
dBFS
30 MHz
I
76.6
79.7
dBFS
70 MHz
I
74.7
77.4
dBFS
SFDR 3
Analog Input
2.5 MHz
I
88
97.2
dBFS
@ –6 dBFS
10 MHz
I
88
97.2
dBFS
30 MHz
I
84
94.2
dBFS
70 MHz
I
81
91.7
dBFS
TWO-TONE 4
Analog Input
@ –7 dBFS—IMD
f1 = 10 MHz, f2 = 12 MHz
V
96
dBFS
f1 = 70 MHz, f2 = 72 MHz
V
84
dBFS
1 Analog input signal power at –6 dBFS; signal-to-noise (SNR) is the ratio of signal level to total noise (first five harmonics removed).
Encode = 80 MSPS. SNR is reported in dBFS, related back to converter full scale.
2 Analog input signal power at –6 dBFS; signal-to-noise and distortion (SINAD) is the ratio of signal level to total noise + harmonics.
Encode = 80 MSPS. SINAD is reported in dBFS, related back to converter full scale.
3 Analog input signal equals –6 dBFS; SFDR is the ratio of converter full scale to worst spur.
4 Both input tones at–7 dBFS; two tone intermodulation distortion (IMD) rejection is the ratio of either tone to the worst third-order intermodulation product.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn