Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 1 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10678 Datasheet(HTML) 1 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
16-Bit, 80 MSPS A/D Converter
AD10678
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
80 MSPS sample rate
80 dBFS signal-to-noise ratio
Transformer-coupled analog input
Single PECL clock source
Digital outputs
True binary format
3.3 V and 5 V CMOS compatible
APPLICATIONS
Low signature radar
Medical imaging
Communications instrumentation
Instrumentation
Antenna array processing
FUNCTIONAL BLOCK DIAGRAM
AD10678
ANALOG
POWER
CLOCK DISTRIBUTION
CIRCUIT
DIGITAL POWER
ENCODE ENCODE
OUTPUT
DATA
BITS
DIGITAL
POST-
PROCES-
SING
AGND
ADC
ADC
ADC
ADC
AGND
DGND
DGND
3.3VE
3.3V
5VA
AIN
AIN
DOUT0
DOUT15
14
14
14
14
DRY
Figure 1.
GENERAL DESCRIPTION
The AD10678 is a 16-bit, high performance, analog-to-digital
converter for applications that demand increased SNR levels.
Exceptional noise performance and a typical signal-to-noise
ratio of 80 dBFS are obtained by digitally postprocessing the
outputs of four ADCs. Only a single analog input and PECL
sampling clock, as well as 3.3 V and 5 V power supplies, are
required.
The AD10678 is assembled using a 0.062" thick laminate board
with three sets of connector interface pads to accommodate
analog and digital isolation. Analog Devices recommends using
this connector from Samtec: FSI-110-03-G-D-AD-K-TR. The
overall card fits a 2.2" × 2.8" PCB specified from 0°C to 70°C.
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 80 MSPS.
2.
Input signal conditioning with optimized noise
performance.
3.
Fully tested and guaranteed performance.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn