Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10678 Datasheet(PDF) 6 Page - Analog Devices

Part No. AD10678
Description  16-Bit, 80 MSPS A/D Converter
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD10678 Datasheet(HTML) 6 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AD10678
Rev. A | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
Table 5. AD10678 Stress Ratings
Parameter
Rating
AVCC to AGND
0 V to 7 V
EVCC to AGND
0 V to 6 V
VDD to DGND
–0.5 V to +3.8 V
Analog Input Voltage
0 V to AVCC
Analog Input Current
25 mA
Encode Input Voltage
0 V to 5 V
Digital Output Voltage
–0.5 V to VDD
Maximum Junction Temperature
150°C
Storage Temperature Range Ambient
–65°C to +150°C
Maximum Operating Temperature
Ambient
92°C
OPERATING RANGE
Operating Ambient Temperature Range: 0°C to 70°C. See
Thermal Considerations section.
Table 6. Output Coding (True Binary)
Code
AIN (V)
Digital Output
65535
+1.1
1111 1111 1111 1111
.
.
.
.
.
.
.
.
.
32768
0
1000 0000 0000 0000
32767
–0.000034
0111 1111 1111 1111
.
.
.
.
.
.
.
.
.
0
–1.1
0000 0000 0000 0000
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn