Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AD6311 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. AD6311
Description  1/8- to 1/16 Duty VFD Controller/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 5 page
background image
AD6311
1/8- to 1/16 Duty VFD Controller/Driver
Anachip Corp.
www.anachip.com.tw
Rev. A5 Dec 29, 2003
5/11
Function Description
1.0 Command
A command sets the display mode and status of the VFD driver. The first 1 byte input to the AD6311
through the Din pin after the STB pin has fallen is regarded as a command. If STB is made high while a
command/data is transmitted, serial communication is initialized, and the command/data being
transmitted is invalid (however, the command/data already transmitted remains valid).
1.1 Display mode setting command
This command initializes the AD6311 and selects the number of segments and number of grids (8 grid
& 20 segments to 16 grid & 12 segments). When this command is executed, display is forcibly turned
off, and key scanning is also stopped. To resume display, a display ON command must be executed. If
the same mode is selected, however, nothing is performed.
LSB
0
0
-
-
b3 b2 b1 b0
MSB
Don't care
Selects display mode
0xxx : 8 digits, 20 segments
1000: 9 digits, 19 segments
1001: 10 digits, 18 segments
1010: 11 digits, 17 segments
1011: 12 digits, 16 segments
1100: 13 digits, 15 segments
1101: 14 digits, 14 segments
1110: 15 digits, 13 segments
1111: 16 digits, 12 segments
On power application, the 16-digit, 12-segment mode is selected.
1.2 Data setting command
This command sets data write and data read modes. On power application, the normal operation mode
and address increment mode are set.
0
1
-
-
b3 b2 b1 b0
Don't care
MSB
LSB
Sets data write and read modes.
00: Writes data to display memory.
01: Writes data to LED port.
10: Reads key data.
11: Reads SW data.
Sets address increment mode (display memory).
0: Incremenets address after data has been
written.
1: Fixes address.
Sets test mode
0: Normal operation
1: Test mode




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML921356-Bit Duplex/Triplex 1/2 duty/1/3 duty VFD Controller/Driver with Anode Digital Dimming 1 2 3 4 5 MoreOKI electronic componets
AD73121/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HT165151/4 to 1/12 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
MSC1210Clock For 1/2 Duty VFD 1 2 3 4 5 MoreOKI electronic componets
HT165111/8 to 1/16 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD63151/4- to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreAnachip Corp
LC7573N1/2 Duty VFD Driver for Frequency Display 1 2 3 4 5 MoreSanyo Semicon Device
HT165121/4 to 1/11 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl