Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AD6311 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. AD6311
Description  1/8- to 1/16 Duty VFD Controller/Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 4 page
background image
AD6311
1/8- to 1/16 Duty VFD Controller/Driver
Anachip Corp.
www.anachip.com.tw
Rev. A5 Dec 29, 2003
4/11
Absolute Maximum Ratings (T
A=25℃,VSS=0V )
Parameter
Symbol
Rating
Unit
Logic supply voltage
VDD
-0.5 to +7.0
V
Driver supply voltage
VEE
VDD +0.5 to VDD -40
V
Logic input voltage
VI1
-0.5 to VDD +0.5
V
VFD driver output voltage
VO2
VEE-0.5 to VDD +0.5
V
LED driver output current
IO1
+15
mA
VFD driver output current
IO2
-40(grid) –15 (segment)
mA
Operating ambient temperature
TOPT
-25 to +85
Storage temperature
TSTG
-50 to +125
Operating Conditions (T
A=0 to +70℃,VSS=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Logic supply voltage
VDD
4.5
5
5.5
V
High-level input voltage
VIH
0.7·VDD
VDD
V
Low-level input voltage
VIL
0
0.3xVDD
V
Driver supply voltage
VEE
0
VDD-35
V
DC Characteristics (T
a=0 to 70℃, VDD=4.5 to 5.5V, VSS=0V, VEE=VDD-35V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
High-level output voltage
VOH1
LED1-LED5,IOH1=-1mA
0.9VDD
V
Low-level output voltage
VOL1
LED1-LED5,IOL1=12mA
1
V
Low-level output voltage
VOL2
DOUT,IOL2=2mA
0.4
V
High-level output current
IOH21
VO=VDD-2V,Seg1 to Seg12
-3
mA
High-level output current
IOH22
VO=VDD-2V,Grid 1 to Grid8,
Seg13/Grid16 to Seg20/Grid9
-15
mA
Driver leakage current
IOLEAK
VO=VDD-35V, driver off
-10
μ
A
Output pull-down resistor
RL
Driver output
50
100
150
High-level input voltage
VIH
0.7VDD
V
Low-level input voltage
VIL
0.3VDD
V
AC Characteristics (T
a=0 to +70℃,VDD=4.5 to 5.5 V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
R=51 kΩ
350
500
650
KHZ
Maximum clock frequency
fmax.
Duty=50%
1
MHZ
Clock pulse width
PWCLK
500
ns
Strobe pulse width
PWSTB
1
µs
Data setup time
tSETUP
100
ns
Data hold time
tHOLD
100
ns
Clock-strobe time
tCLK-STB
CLK↑→STB↑
1
µs
Wait time
tWAIT
CLK↑→CLk↓(Note)
1
µs
Note: Refer to page 8.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ML921356-Bit Duplex/Triplex 1/2 duty/1/3 duty VFD Controller/Driver with Anode Digital Dimming 1 2 3 4 5 MoreOKI electronic componets
AD73121/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AD163151/4-to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HT165151/4 to 1/12 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
MSC1210Clock For 1/2 Duty VFD 1 2 3 4 5 MoreOKI electronic componets
HT165111/8 to 1/16 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc
LC75725E1/4 to 1/11 Duty Dynamic Drive VFD Driver 1 2 3 4 5 MoreSanyo Semicon Device
AD63151/4- to 1/12 Duty VFD Controller/Driver 1 2 3 4 5 MoreAnachip Corp
LC7573N1/2 Duty VFD Driver for Frequency Display 1 2 3 4 5 MoreSanyo Semicon Device
HT165121/4 to 1/11 Duty VFD Controller 1 2 3 4 5 MoreHoltek Semiconductor Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl