Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZR32WG-434MHZ Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EZR32WG-434MHZ
Description  Ethernet and USB connectivity
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG-434MHZ Datasheet(HTML) 1 Page - Silicon Laboratories

  EZR32WG-434MHZ Datasheet HTML 1Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 2Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 3Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 4Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 5Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 6Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 7Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 8Page - Silicon Laboratories EZR32WG-434MHZ Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
User Manual
EZR32WG 434MHz Wireless Starter Kit
The WSTK6221 is an excellent starting point to get familiar with
the EZR32 Wonder Gecko Wireless Microcontrollers.
The Wireless Starter Kit Mainboard contains sensors and peripherals demonstrating
some of the Wireless MCU's many capabilities. The kit provides all necessary tools for
developing a Silicon Labs wireless application.
KIT FEATURES
• Ethernet and USB connectivity
• Advanced Energy Monitoring
• Packet Trace Interface support
• SEGGER J-Link OB debugger
• Debug Multiplexer supporting external
hardware as well as radio board
• Silicon Labs' Si7021 Relative Humidity and
Temperature sensor
• Ultra Low power 128x128 pixel Memory
LCD
• LEDs / Pushbuttons / Reset button
• 20pin 2.54mm header for expansion
boards
• Breakout pads for direct access to all radio
I/O pins
• Power sources including USB and CR2032
coin cell holder.
ORDERING INFO
• SLWSTK6221A
RADIO BOARD FEATURES
• EZR32WG330F256R55G MCU with 256
kB Flash and 32 kB RAM.
• SMA antenna connector
• USB Micro-B connector
• Backup domain capcitor
SOFTWARE SUPPORT
• Simplicity Studio
• Simplicity Profiler
• Simplicity Network Analyzer
• Extensive example set for radio
• Kit Board Support Package
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.21


Similar Part No. - EZR32WG-434MHZ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32WG-490MHZ SILABS-EZR32WG-490MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
More results

Similar Description - EZR32WG-434MHZ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR32WG-169MHZ SILABS-EZR32WG-169MHZ Datasheet
3Mb / 29P
   Ethernet and USB connectivity
logo
National Semiconductor ...
CP3UB26 NSC-CP3UB26 Datasheet
3Mb / 268P
   Reprogrammable Connectivity Processor with USB and CAN Interfaces
CP3BT10 NSC-CP3BT10 Datasheet
3Mb / 210P
   Reprogrammable Connectivity Processor with Bluetooth and USB Interfaces
logo
Ultralife Corporation.
UCH0041 ULTRALIFE-UCH0041 Datasheet
581Kb / 2P
   Ethernet connectivity available (see note)
Rev: D
logo
National Semiconductor ...
CP3BT26 NSC-CP3BT26 Datasheet
3Mb / 278P
   Reprogrammable Connectivity Processor with Bluetooth-R, USB, and CAN Interfaces
logo
Texas Instruments
CP3SP33 TI1-CP3SP33 Datasheet
2Mb / 407P
[Old version datasheet]   Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
logo
Intel Corporation
I350T2BLK INTEL-I350T2BLK Datasheet
3Mb / 2P
   Ethernet Converged Network and Server Adapters Connectivity you can count on
logo
Axiomtek Co., Ltd.
MPC175-873 AXIOMTEK-MPC175-873 Datasheet
755Kb / 2P
   Isolated COM, USB and Ethernet ports
MPC225-873 AXIOMTEK-MPC225-873 Datasheet
544Kb / 2P
   Isolated COM, USB and Ethernet ports
logo
National Semiconductor ...
CP3SP33 NSC-CP3SP33 Datasheet
146Kb / 6P
   CP3SP33 Connectivity Processor with Cache, DSP, and Bluetooth, USB, and Dual CAN Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com