Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0402MR-079K76 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # TR0402MR-079K76
Description  TRIMMABLE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TR0402MR-079K76 Datasheet(HTML) 3 Page - YAGEO Corporation

  TR0402MR-079K76 Datasheet HTML 1Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 2Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 3Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 4Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 5Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 6Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 7Page - YAGEO Corporation TR0402MR-079K76 Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 14, 2009 V.1
Product specification
3
8
SERIES
TR
0402/0603/0805/1206 (RoHS Compliant)
12NC CODE
2350
XXX XXXXX L
(1)
(2)
(3)
(4)
PAPER/PE TAPE ON REEL(units) (2)
SIZE TYPE
START
IN (1)
TOL.
(%)
RESISTANCE
RANGE
10,000
5,000/10,000
5,000
0402 RC32TR
2350
0/-10%
1 to 10 MΩ
503 22xxx
-
0/-20%
1 to 10 MΩ
503 21xxx
-
0/-30%
1 to 10 MΩ
503 20xxx
-
0603 RC22TR
2350
0/-10%
1 to 10 MΩ
-
502 12xxx
0/-20%
1 to 10 MΩ
-
502 11xxx
0/-30%
1 to 10 MΩ
-
502 10xxx
0805 RC12TR
2350
0/-10%
1 to 10 MΩ
-
501 12xxx
0/-20%
1 to 10 MΩ
-
501 11xxx
0/-30%
1 to 10 MΩ
-
501 10xxx
1206 RC02TR
2350
0/-10%
1 to 10 MΩ
-
500 12xxx
0/-20%
1 to 10 MΩ
-
500 11xxx
0/-30%
1 to 10 MΩ
-
500 10xxx
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D oorrddeerriinngg ccooddeess
Both GLOBAL PART NUMBER (preferred) and 12NC (traditional) codes are acceptable to order Phycomp
brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
Resistance decade (3)
Last digit
0.01 to 0.0976 X
0
0.1 to 0.976 X
7
1 to 9.76 X
8
10 to 97.6 X
9
100 to 976 X
1
1 to 9.76 KX
2
10 to 97.6 KX
3
100 to 976 KX
4
1 to 9.76 MX
5
10 to 97.6 MX
6
Example:
0.02 X =
0200 or 200
0.3 X
=
3007 or 307
1 X
=
1008 or 108
33 KX
=
3303 or 333
10 MX =
1006 or 106
Last digit of 12NC
(1) The resistors have a 12-digit ordering code starting with 2350.
(2) The subsequent 4 or 5 digits indicate the resistor tolerance and
packaging.
(3) The remaining 4 or 3 digits represent the resistance value with the
last digit indicating the multiplier as shown in the table of
“Last digit of 12NC”.
(4) "L" is optional symbol (Note).
ORDERING EXAMPLE
The ordering code of a RC22TR resistor with terminations, value 330 X
with 0/-30% tolerance, supplied in tape of 5,000 units per reel is:
235050210331(L) or TR0603NR-07330R(L).
NOTE
1. All our RSMD products are RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process"
2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART
NUMBER / 12NC can be added (both are on customer request)


Similar Part No. - TR0402MR-079K76

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0001 SSDI-TR0001 Datasheet
35Kb / 2P
   PNP TRANSISTOR
logo
TAI-SAW TECHNOLOGY CO.,...
TR0001A TAI-SAW-TR0001A Datasheet
163Kb / 5P
   Dielectric Band Pass Filter 3625MHz 150MHz BW
logo
Solid States Devices, I...
TR0001 SSDI-TR0001_15 Datasheet
35Kb / 2P
   PNP TRANSISTOR
logo
TAI-SAW TECHNOLOGY CO.,...
TR0002A TAI-SAW-TR0002A Datasheet
215Kb / 6P
   Band Pass Filter 5825MHz SMD 4.4X3.9 mm (BW=200MHz)
logo
Solid States Devices, I...
TR0003 SSDI-TR0003 Datasheet
57Kb / 2P
   NPN TRANSISTOR
More results

Similar Description - TR0402MR-079K76

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT10PTN103 ETC-RT10PTN103 Datasheet
618Kb / 10P
   Thick Film Trimmable Chip Resistors
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
logo
TT Electronics.
CRT TTELEC-CRT Datasheet
303Kb / 2P
   Trimmable Surface Mount Resistors
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
   Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com