Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-P11-7-1S-C Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # CP-P11-7-1S-C
Description  Dimensions for product: P11/7
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-P11-7-1S-C Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  CP-P11-7-1S-C Datasheet HTML 1Page - Ferroxcube International Holding B.V. CP-P11-7-1S-C Datasheet HTML 2Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P11/7
Core
Product specifications
Bsat
Measuring conditions
Min
Material
Unit
25 kHz
mT
320
250 A/m
100 ºC
3C91
25 kHz
mT
340
250 A/m
100 ºC
3F36
Description
Accessories
Ordering code
Ordering name
CLM/TP-P11/7-C
432202126141
Clamp, self locking, with ground pin
CON-P11/7
432202130515
Container
CP-P11/7-1S
432202102351
Coil former, termoplastic
CP-P11/7-1S-A
433500026011
Coil former, termoplastic
CP-P11/7-1S-C
432202106741
Coil former, termoplastic
CP-P11/7-2S-A
433500026021
Coil former, termoplastic
SPR-P11/7
432202130621
Spring
TGP-P11/7-C
432202104251
Tag plante
2016


Similar Part No. - CP-P11-7-1S-C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P11-7-1S-A FERROXCUBE-CP-P11-7-1S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
More results

Similar Description - CP-P11-7-1S-C

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P11-7-1S-A FERROXCUBE-CP-P11-7-1S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-1S FERROXCUBE-CP-P11-7-1S Datasheet
79Kb / 2P
   Dimensions for product: P11/7
CP-P11-7-2S-A FERROXCUBE-CP-P11-7-2S-A Datasheet
79Kb / 2P
   Dimensions for product: P11/7
SPR-P11 FERROXCUBE-SPR-P11 Datasheet
29Kb / 1P
   SPR-P11/7
CLI-EFD20 FERROXCUBE-CLI-EFD20_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
CPH-E13-7-4-1S-6P FERROXCUBE-CPH-E13-7-4-1S-6P Datasheet
75Kb / 2P
   Dimensions for product: E13/7/4
CLA-E30 FERROXCUBE-CLA-E30_17 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CP-E30 FERROXCUBE-CP-E30 Datasheet
73Kb / 2P
   Dimensions for product: E30/15/7
CSH-EFD20-1S-8P-TZ FERROXCUBE-CSH-EFD20-1S-8P-TZ_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
CSH-EFD20-1S-8P-IZ FERROXCUBE-CSH-EFD20-1S-8P-IZ_17 Datasheet
76Kb / 2P
   Dimensions for product: EFD20/10/7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com