Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-P9-5-1S-NC Datasheet(PDF) 1 Page - Ferroxcube International Holding B.V.

Part # CP-P9-5-1S-NC
Description  Dimensions for product: P9/5
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

CP-P9-5-1S-NC Datasheet(HTML) 1 Page - Ferroxcube International Holding B.V.

  CP-P9-5-1S-NC Datasheet HTML 1Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P9/5
Core
Product specifications
Value
Inductance factor
Tol +
Tol -
Unit
Material
3D3
nH/turns²
25%
25%
630
3H3
nH/turns²
25%
25%
1100
Symbol
Effective parameters
Parameter
Value
Unit
1.24
mm⁻¹
Ve
126
mm³
Le
12.5
mm
Ae
10.1
mm²
Amin
7.9
mm²
∑(I/A)
≈ 0.8
core factor (C1)
effective volume
effective length
effective area
minimum area
m
P9/5
g/set
Symbol
Nom
Tol +
Tol -
Max
Unit
Min
Dimensions for product: P9/5
6.25
mm
A
0.25
0.25
6.75
6.50
1.80
mm
B
0.20
0.20
2.20
2.00
9.00
mm
D1
0.00
0.30
9.30
9.30
7.50
mm
D2
0.25
0.00
7.75
7.50
3.70
mm
D3
0.00
0.20
3.90
3.90
2.00
mm
D4
0.10
0.10
2.20
2.10
5.10
mm
H1
0.00
0.30
5.40
5.40
3.60
mm
H2
0.30
0.00
3.90
3.60
Description
Accessories
Ordering code
Ordering name
CP-P9/5-1S
F0PPP99050C000100P
Coil former, termoplastic
CP-P9/5-1S-A
F0PPP99050C001100P
Coil former, termoplastic
CP-P9/5-1S-NC
F0PPP99000C000100P
Coil former, termoplastic
CP-P9/5-2S-C
F0PPP99050C000200P
Coil former, termoplastic
2016


Similar Part No. - CP-P9-5-1S-NC

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P9-5-1S-NC FERROXCUBE-CP-P9-5-1S-NC Datasheet
68Kb / 1P
   Dimensions for product: P9/5
More results

Similar Description - CP-P9-5-1S-NC

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
CP-P9-5-1S-NC FERROXCUBE-CP-P9-5-1S-NC Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CP-P9-5-2S-C FERROXCUBE-CP-P9-5-2S-C Datasheet
68Kb / 1P
   Dimensions for product: P9/5
CSH-EFD15-1S-8P-TZ FERROXCUBE-CSH-EFD15-1S-8P-TZ_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
CPH-E16-8-5-1S-6P-Z FERROXCUBE-CPH-E16-8-5-1S-6P-Z Datasheet
76Kb / 2P
   Dimensions for product: E16/8/5
CPH-E19-8-5-2S-4P-C FERROXCUBE-CPH-E19-8-5-2S-4P-C Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CPH-E19-8-5-4S-10P FERROXCUBE-CPH-E19-8-5-4S-10P Datasheet
76Kb / 2P
   Dimensions for product: E19/8/5
CLA-E20-10-5 FERROXCUBE-CLA-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CPV-E20 FERROXCUBE-CPV-E20 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
SPR-E20-10-5 FERROXCUBE-SPR-E20-10-5 Datasheet
77Kb / 2P
   Dimensions for product: E20/10/5
CLI-EFD15 FERROXCUBE-CLI-EFD15_17 Datasheet
77Kb / 2P
   Dimensions for product: EFD15/8/5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com