Electronic Components Datasheet Search |
|
TR0402NR-071K Datasheet(PDF) 5 Page - YAGEO Corporation |
|
TR0402NR-071K Datasheet(HTML) 5 Page - YAGEO Corporation |
5 / 8 page Chip Resistor Surface Mount www.yageo.com Jan 14, 2009 V.1 Product specification 5 8 SERIES TR 0402/0603/0805/1206 (RoHS Compliant) YNSC076 70 100 55 50 Tamb( C) o (%P ) rated 0 0 50 100 155 P handbook, halfpage 125 TR0805/1206 TR0402/0603 Fig. 3 Maximum dissipation (Pmax) in percentage of rated power as a function of the operating ambient temperature (Tamb) FUNCTIONAL DESCRIPTION OPERATING TEMPERATURE RANGE Each type range: TR0402/0603: –55°C to +125°C; TR0805/1206: –55°C to +155°C. POWER RATING Each type rated power at 70°C: TR0402=1/16 W; TR0603=1/16 W; TR0805=1/8 W; TR1206=1/4 W. RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = √(P X R) or max. working voltage whichever is less Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (X) FOOTPRINT AND SOLDERING PROFILES For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”. PACKING STYLE REEL DIMENSION TR0402 TR0603 TR0805 TR1206 Paper taping reel (R) 7" (178 mm) 10,000 5,000 5,000 5,000 NOTE 1. For Paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”. PACKING STYLE AND PACKAGING QUANTITY Table 3 Packing style and packaging quantity |
Similar Part No. - TR0402NR-071K |
|
Similar Description - TR0402NR-071K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |