Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


AD1833A Datasheet(PDF) 5 Page - Analog Devices

Part No. AD1833A
Description  24-Bit, 192 kHz, DAC
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 5 page
background image
REV. 0
AD1833A
–5–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted.)
AVDD, DVDDX to AGND, DGND . . . . . . . . –0.3 V to +6.5 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . –0.3 V to DVDD2 + 0.3 V
Analog I/O Voltage to AGND . . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
∞C
LQFP,
qJA Thermal Impedance . . . . . . . . . . . . . . . . . 91∞C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
MSB
MCLK
AUXBCLK
AUXL/
RCLK
AUX DATA
tAXDD
tAXLRD
tAXBD
Figure 5. Auxiliary Interface Timing
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1833AAST
–40
∞C to +85∞C
Low Profile Quad Flat Package
ST-48
AD1833ACST
–40
∞C to +85∞C
Low Profile Quad Flat Package
ST-48
EVAL-AD1833AEB
Evaluation Board
AD1833AAST-REEL
–40
∞C to +85∞C
Low Profile Quad Flat Package
ST-48
AD1833ACST-REEL
–40
∞C to +85∞C
Low Profile Quad Flat Package
ST-48
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the AD1833A
features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to
high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS439224-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
AD1833Multichannel 24-Bit 192 kHz DAC 1 2 3 4 5 MoreAnalog Devices
AD1852Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
AD1853Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
CS4391A24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL 1 2 3 4 5 MoreCirrus Logic
CS4340A24-Bit 192 kHz Stereo DAC for Audio  1 2 3 4 5 MoreCirrus Logic
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
WM872724 BIT 192 KHZ STEREO DAC 1 2 3 4 5 MoreWolfson Microelectronics plc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl