Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR11BG101CDYR Datasheet(PDF) 1 Page - AVX Corporation

Part # CDR11BG101CDYR
Description  Microwave MLC?셲
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CDR11BG101CDYR Datasheet(HTML) 1 Page - AVX Corporation

  CDR11BG101CDYR Datasheet HTML 1Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 2Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 3Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 4Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 5Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 6Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 7Page - AVX Corporation CDR11BG101CDYR Datasheet HTML 8Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
8
212
L
W
T
L
W
T
A
470J
100J
CDR13/14
CDR11/12
bw
bw
Per MIL-C-55681
AVX
Length (L)
Width (W)
Thickness (T)
Termination Band (bw)
Style
Max
Min
Max
Min
CDR11
AQ11
.055±.015
.055±.015
.057
.020
.020
.005
(1.40±.381)
(1.40±.381)
(1.45)
(.508)
(.508)
(.127)
CDR12
AQ12
.055±.025
.055±.015
.057
.020
.020
.005
(1.40±.635)
(1.40±.381)
(1.45)
(.508)
(.508)
(.127)
CDR13
AQ13
.110±.020
.110±.020
.102
.030
.025
.005
(2.79±.508)
(2.79±.508)
(2.59)
(.762)
(.635)
(.127)
CDR14
AQ14
.110 +.035 -0.020
.110±.020
.102
.030
.025
.005
(2.79 +.889 -.508)
(2.79±.508)
(2.59)
(.762)
(.635)
(.127)
CROSS REFERENCE: AVX/MIL-PRF-55681
Microwave MLC’s
CDR Series — MIL-PRF-55681 (RF/Microwave Chips)
MILITARY DESIGNATION PER MIL-PRF-55681
CDR12
MIL Style
CDR11, CDR12,
CDR13, CDR14
BG
Voltage
Temperature
Limits
101
Capacitance
A
Rated Voltage
Code
A = 50V
B = 100V
C = 200V
D = 300V
E = 500V
K
Capacitance
Tolerance Code
B = ±.1 pF
C = ±.25 pF
D = ±.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
U
Termination
Finish (Military
Designations)
Code
S
Failure Rate
Level
M = 1.0%
P = .1%
R = .01%
S = .001%
HOW TO ORDER
BG = +90±20 ppm/°C with and without
rated voltage from -55°C to + 125°C
BP = 0±30ppm/°C with and without
rated voltage from -55°C to +125°C
M = Palladium silver
N = Silver-nickel-gold
S = Solder coated final with a minimum of
4 percent lead
T = Silver
U = Base metallization-barrier metal-solder coated
(tin/lead alloy, with a minimum of 4 percent lead)
W = Base metallization-barrier metal-tinned (tin or
tin/lead alloy)
Y = Base metallization-barrier metal-tin (100 per-
cent)
Z = Base metallization-barrier metal-tinned
(tin/lead alloy, with a minimum of 4 percent lead)
*See MIL-PRF-55681 Specification for more details
EIA Capacitance Code in pF.
First two digits = significant figures
or “R” for decimal place.
Third digit = number of zeros or
after “R” significant figures.
PACKAGING
Standard Packaging Quanity
CDR11-12 = 100 pcs per waffle pack
CDR13-14 = 80 pcs per waffle pack
TAPE & REEL: All tape and reel specifications are in compliance with EIA RS481
(equivalent to IEC 286 part 3).
Sizes SQCA through SQCB, CDR11/12 through 13/14.
—8mm carrier
—7" reel: ≤0.040" thickness = 2000 pcs
≤0.075" thickness = 2000 pcs
—13" reel: ≤0.075" thickness = 10,000 pcs
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
For RoHS compliant products,
please select correct termination style.


Similar Part No. - CDR11BG101CDYR

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CDR11TR ADAM-TECH-CDR11TR Datasheet
117Kb / 1P
   .100 LATCHING HEADER & HOUSING
CDR11TS ADAM-TECH-CDR11TS Datasheet
117Kb / 1P
   .100 LATCHING HEADER & HOUSING
More results

Similar Description - CDR11BG101CDYR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SQCB7M3R6BAJME AVX-SQCB7M3R6BAJME Datasheet
914Kb / 7P
   Microwave MLC?셲
AQ147A120JAJME AVX-AQ147A120JAJME Datasheet
630Kb / 4P
   Microwave MLC?셲
AQ11EA380JA7WE AVX-AQ11EA380JA7WE Datasheet
630Kb / 4P
   Microwave MLC?셲 AQ Series
SQCBEM102KATME500 AVX-SQCBEM102KATME500 Datasheet
148Kb / 1P
   Microwave MLC?셲 SQ A Case & B Case Ultra Low ESR MLC
SQCB7M100JAT1A AVX-SQCB7M100JAT1A Datasheet
148Kb / 1P
   Microwave MLC?셲, SQ A Case & B Case Ultra Low ESR MLC
GH16 AVX-GH16 Datasheet
72Kb / 2P
   Microwave SLC?셲
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
550Z104KTT AVX-550Z104KTT Datasheet
1Mb / 7P
   RF/Microwave Capacitors RF/Microwave Multilayer Capacitors (MLC) 550-560 Series UBC™ Ultra-Broadband Capacitor
Rev 4
0805AA330KAT1A AVX-0805AA330KAT1A Datasheet
99Kb / 2P
   High Voltage MLC Chips
1825CC104KAT1A AVX-1825CC104KAT1A Datasheet
93Kb / 2P
   High Voltage MLC Chips
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com