Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0402NR-071R Datasheet(PDF) 7 Page - YAGEO Corporation

Part # TR0402NR-071R
Description  TRIMMABLE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TR0402NR-071R Datasheet(HTML) 7 Page - YAGEO Corporation

  TR0402NR-071R Datasheet HTML 1Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 2Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 3Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 4Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 5Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 6Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 7Page - YAGEO Corporation TR0402NR-071R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 14, 2009 V.1
Product specification
7
8
SERIES
TR
0402/0603/0805/1206 (RoHS Compliant)
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Solderability
- Wetting
IPC/JEDECJ-STD-002B test B
IEC 60068-2-58
Electrical Test not required
Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245±3 °C
Dipping time: 3±0.5 seconds
Well tinned (≥95% covered)
No visible damage
- Leaching
IPC/JEDECJ-STD-002B test D
IEC 60068-2-58
Leadfree solder, 260 °C, 30 seconds
immersion time
No visible damage
- Resistance to
Soldering Heat
MIL-STD-202G-method 210F
IEC 60068-2-58
Condition B, no pre-heat of samples
Leadfree solder, 270 °C, 10 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
±(1%+0.05 Ω)
No visible damage


Similar Part No. - TR0402NR-071R

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0001 SSDI-TR0001 Datasheet
35Kb / 2P
   PNP TRANSISTOR
logo
TAI-SAW TECHNOLOGY CO.,...
TR0001A TAI-SAW-TR0001A Datasheet
163Kb / 5P
   Dielectric Band Pass Filter 3625MHz 150MHz BW
logo
Solid States Devices, I...
TR0001 SSDI-TR0001_15 Datasheet
35Kb / 2P
   PNP TRANSISTOR
logo
TAI-SAW TECHNOLOGY CO.,...
TR0002A TAI-SAW-TR0002A Datasheet
215Kb / 6P
   Band Pass Filter 5825MHz SMD 4.4X3.9 mm (BW=200MHz)
logo
Solid States Devices, I...
TR0003 SSDI-TR0003 Datasheet
57Kb / 2P
   NPN TRANSISTOR
More results

Similar Description - TR0402NR-071R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT10PTN103 ETC-RT10PTN103 Datasheet
618Kb / 10P
   Thick Film Trimmable Chip Resistors
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
logo
TT Electronics.
CRT TTELEC-CRT Datasheet
303Kb / 2P
   Trimmable Surface Mount Resistors
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
   Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com