Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR0805MR-071R Datasheet(PDF) 5 Page - YAGEO Corporation

Part # TR0805MR-071R
Description  TRIMMABLE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

TR0805MR-071R Datasheet(HTML) 5 Page - YAGEO Corporation

  TR0805MR-071R Datasheet HTML 1Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 2Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 3Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 4Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 5Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 6Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 7Page - YAGEO Corporation TR0805MR-071R Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Jan 14, 2009 V.1
Product specification
5
8
SERIES
TR
0402/0603/0805/1206 (RoHS Compliant)
YNSC076
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
125
TR0805/1206
TR0402/0603
Fig. 3 Maximum dissipation (Pmax) in percentage of rated power
as a function of the operating ambient temperature (Tamb)
FUNCTIONAL DESCRIPTION
OPERATING TEMPERATURE RANGE
Each type range:
TR0402/0603: –55°C to +125°C;
TR0805/1206: –55°C to +155°C.
POWER RATING
Each type rated power at 70°C:
TR0402=1/16 W; TR0603=1/16 W;
TR0805=1/8 W; TR1206=1/4 W.
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V = √(P X R)
or max. working voltage whichever is less
Where
V = Continuous rated DC or AC (rms) working voltage (V)
P = Rated power (W)
R = Resistance value (X)
FOOTPRINT AND SOLDERING PROFILES
For recommended footprint and soldering profiles, please see the special data sheet “Chip resistors mounting”.
PACKING STYLE
REEL DIMENSION
TR0402
TR0603
TR0805
TR1206
Paper taping reel (R)
7" (178 mm)
10,000
5,000
5,000
5,000
NOTE
1. For Paper tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”.
PACKING STYLE AND PACKAGING QUANTITY
Table 3 Packing style and packaging quantity


Similar Part No. - TR0805MR-071R

ManufacturerPart #DatasheetDescription
logo
RFE international
TR0806-100Y RFE-TR0806-100Y Datasheet
73Kb / 1P
   THRU-HOLE INDUCTORS TR Series: Toroidal Filter
logo
ABC Taiwan Electronics ...
TR0806100YL ABC-TR0806100YL Datasheet
412Kb / 5P
   FILTER COIL
logo
List of Unclassifed Man...
TR0808 ETC1-TR0808 Datasheet
26Kb / 1P
   Common Mode Toroidal Coils
TR0808450Y ETC1-TR0808450Y Datasheet
26Kb / 1P
   Common Mode Toroidal Coils
TR0808650Y ETC1-TR0808650Y Datasheet
26Kb / 1P
   Common Mode Toroidal Coils
More results

Similar Description - TR0805MR-071R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT10PTN103 ETC-RT10PTN103 Datasheet
618Kb / 10P
   Thick Film Trimmable Chip Resistors
RT0603 ETC-RT0603 Datasheet
56Kb / 1P
   RT series, high-precision trimmable chip resistors
logo
TT Electronics.
CRT TTELEC-CRT Datasheet
303Kb / 2P
   Trimmable Surface Mount Resistors
logo
Welwyn Components Limit...
CRT WELWYN-CRT Datasheet
106Kb / 2P
   Trimmable Surface Mount Resistors
logo
List of Unclassifed Man...
RK73N ETC2-RK73N Datasheet
214Kb / 2P
   TRIMMABLE CHIP
logo
Stackpole Electronics, ...
FCR SEI-FCR Datasheet
321Kb / 4P
   Trimmable Thick Film Chip Resistor
11/18/2020
logo
Maxim Integrated Produc...
MAX1474 MAXIM-MAX1474 Datasheet
145Kb / 8P
   Miniature Electronically Trimmable Capacitor
Rev 1; 3/01
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com