Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN616 Datasheet(PDF) 4 Page - Silicon Laboratories

Part No. AN616
Description  This document contains a complete test report that describes
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN616 Datasheet(HTML) 4 Page - Silicon Laboratories

  AN616 Datasheet HTML 1Page - Silicon Laboratories AN616 Datasheet HTML 2Page - Silicon Laboratories AN616 Datasheet HTML 3Page - Silicon Laboratories AN616 Datasheet HTML 4Page - Silicon Laboratories AN616 Datasheet HTML 5Page - Silicon Laboratories AN616 Datasheet HTML 6Page - Silicon Laboratories AN616 Datasheet HTML 7Page - Silicon Laboratories AN616 Datasheet HTML 8Page - Silicon Laboratories AN616 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AN616
4
Rev. 0.1
Test report no.: 4-3476-01-01/11
2011-04-29
Page 3 of 26
2
General information
2.1
Notes
The test results of this test report relate exclusively to the test item specified in this test report. CETECOM
ICT Services GmbH does not assume responsibility for any conclusions and generalisations drawn from the
test results with regard to other specimens or samples of the type of the equipment represented by the test
item. The test report may only be reproduced or published in full. Reproduction or publication of extracts
from the report requires the prior written approval of CETECOM ICT Services GmbH.
2.2
Application details
Date of receipt of order:
2011-04-19
Date of receipt of test item:
2011-04-15
Start of test:
2011-04-15
End of test:
2011-04-15
Person(s) present during the test:
Mr. Miklós Lukács
3
Test standard/s:
Test Standard
Version
Test Standard Description
EN 55025
2003-01
Radio disturbance characteristics for the protection of receivers
used on board vehicles, boats and on devices - Limits and
methods of measurement (IEC/CISPR 25:2002)
GS 95002
01.10.04
Electromagnetic Compatibility (EMC)
Electric, electronic, assemblies, motor vehicles, EMC,
Electromagnetic Compatibility, requirements, test conditions
4
Test Environment (Chamber)
Temperature:
20°C – 25°C
Relative humidity content:
30 % - 50 %
Air pressure:
1020 hPa
Power supply:
230 V / 50 Hz
5
Test Laboratories sub-contracted
-/-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn