Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN616 Datasheet(PDF) 21 Page - Silicon Laboratories

Part No. AN616
Description  This document contains a complete test report that describes
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN616 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button AN616 Datasheet HTML 17Page - Silicon Laboratories AN616 Datasheet HTML 18Page - Silicon Laboratories AN616 Datasheet HTML 19Page - Silicon Laboratories AN616 Datasheet HTML 20Page - Silicon Laboratories AN616 Datasheet HTML 21Page - Silicon Laboratories AN616 Datasheet HTML 22Page - Silicon Laboratories AN616 Datasheet HTML 23Page - Silicon Laboratories AN616 Datasheet HTML 24Page - Silicon Laboratories AN616 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AN616
Rev. 0.1
21
Test report no.: 4-3476-01-01/11
2011-04-29
Page 20 of 26
10
Test equipment and ancillaries used for tests
To simplify the identification of the test equipment and/or ancillaries which were used, the reporting of the
relevant test cases only refer to the test item number as specified in the table below.
No.
Instrument/Ancillary
Manufacturer
Type
Serial-No.
Internal
identification
Radiated immunity – annex I
D-1
Signal Generator
Rohde & Schwarz
SMHU52
860 292/019
300002232
D-2
Function Generator
Rohde & Schwarz
AFGU
832063/002
300002037
D-3
Function Generator
Rohde & Schwarz
AFGU
862490/032
300001201
D-4
Log per antenna
Schwarzbeck
STLP 9128C
033
300003213
D-5
Double Ridged Broadband Horn
Antenna
Schwarzbeck
BBHA 9120E
212
300003214
D-6
RF-Amplifier 0.01-220 MHz
Amplifier Research
250L
13163
300002180
D-7
Directional Coupler Unit
Rohde & Schwarz
DCU
316 790/005
300002242
D-8
RF-Amplifier 200-1000 MHz
Bonn
BLWA 2010-1000/700D
076820A
300003782
D-9
RF-Amplifier 0,8-4 GHz
Bonn
BLMA 0840-200/100D
076820B
300003783
D-10
Switch Unit 1
Rohde & Schwarz
RSU 15
316 790/001
300002241
D-11
Switch Unit 2
Rohde & Schwarz
RSU 11
316 790/001
300002220
D-12
Power Meter
Rohde & Schwarz
NRV
830 007/002
300002323
D-13
Power Sensor A
Rohde & Schwarz
NRV-Z4
829 714/011
300002323.01
D-14
Power Sensor B
Rohde & Schwarz
NRV-Z4
829 714/012
300002323.02
D-15
Relay Interface
ICS
4874B
112904
300002189
D-16
Cabling Unit
Rohde & Schwarz
CU
316 790/001
300002244
D-17
Pneumatic Manipulator
Heiden
2004-300
001402
300002199
D-18
Switch Control Unit
Hewlett Packard
3488A
---
---
D-19
GPIB-Extender
National Instruments
GPIB-110
10688
300002205
D-20
GPIB-Extender
National Instruments
GPIB-110
10700
300002206
D-21
Video Camera
TDK RF-Solutions
VC-04
---
300003260
D-22
Camera Control Unit
TDK RF-Solutions
SI-300
140021
300003260
D-23
Attenuator 30dB/500W
Tennline
8325
1530
40000
D-24
Stripline
Stimpfel
Stripline 150cm / 90
---
300003224
D-25
Bulk Current Injection Probe
(BCI)
FCC
F-130A-1
14
300003220
D-26
RF Current Probe
FCC
F-55
77
300003225
D-27
Calibration fixture
FCC
FCC-BCICF-1
---
300000537
D-28
Power Meter
Rohde & Schwarz
URV5
833658/004
300002233
D-29
DC Power Supply
Agilent
N5767A
US26C4305J
300003840
D-30
Function Generator
Rohde & Schwarz
AFGU
862490/032
300001201
D-31
Audio Amplifier
Crown
Macro Tech 5002 VZ
8001641218
300004094
D-32
Shunt
Schwarzbeck
Shunt 9570
9570118
300004107
D-33
Coil
Schwarzbeck
FESP 5133-7/41
043
300004106
Radiated emission – annex E
D-100
EMI Test Receiver
Rohde & Schwarz
ESU 8
100217
300003912
D-101
Log per antenna
Schwarzbeck
VULB 9163
216
300003288
D-102
Double Ridged Broadband Horn
Antenna
Schwarzbeck
BBHA 9120E
212
300003214
D-103
Artificial Mains Network
Schwarzbeck
NNBM 8125
8125401
300000567
D-104
Artificial Mains Network
Schwarzbeck
NNBM 8125
8125399
300000945


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn