Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN616 Datasheet(PDF) 2 Page - Silicon Laboratories

Part No. AN616
Description  This document contains a complete test report that describes
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN616 Datasheet(HTML) 2 Page - Silicon Laboratories

  AN616 Datasheet HTML 1Page - Silicon Laboratories AN616 Datasheet HTML 2Page - Silicon Laboratories AN616 Datasheet HTML 3Page - Silicon Laboratories AN616 Datasheet HTML 4Page - Silicon Laboratories AN616 Datasheet HTML 5Page - Silicon Laboratories AN616 Datasheet HTML 6Page - Silicon Laboratories AN616 Datasheet HTML 7Page - Silicon Laboratories AN616 Datasheet HTML 8Page - Silicon Laboratories AN616 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AN616
2
Rev. 0.1
2. Test Report
2011-04-29
Page 1 of 26
TEST REPORT
Test Report No.: 4-3476-01-01/11
Testing Laboratory
Applicant
CETECOM ICT Services GmbH
Untertürkheimer Straße 6 – 10
66117 Saarbrücken/Germany
Phone:
+ 49 681 5 98 - 0
Fax:
+ 49 681 5 98 - 9075
Internet:
http://www.cetecom-ict.de
e-mail:
info@ict.cetecom.de
Accredited Test Laboratory:
The test laboratory is accredited according to:
DIN EN ISO/IEC 17025
DAR registration number: DAT-P-176/94-D1
And recognized by the KBA (Germany) and snch
(Luxembourg)
KBA-P 00070-97
Silicon Laboratories Inc.
400 West Cesar Chavez
Austin, TX 78701/USA
Phone:
+1 512 416 8500
Fax:
+ 1 512 416 9669
Contact:
Ferenc Mernyei
e-mail:
FERENC.MERNYEI@SILABS.COM
Phone:
+36-1-4534251
Manufacturer
Same as Applicant
Test Standard/s
EN 55025
2003-01
Radio disturbance characteristics for
the protection of receivers
used on board vehicles, boats and on devices - Limits and
methods of measurement (IEC/CISPR 25:2002)
GS 95002
01.10.04
Electromagnetic Compatibility (EMC)
Electric, electronic, assemblies, motor vehicles, EMC,
Electromagnetic Compatibility, requirements, test conditions
Test Item 1+2
Kind of test item 1
(TX):
Remote Keyless Entry
Model name:
4010-DAPB_434
(Si4010 Universal Key Fob 434MHz)
HW hardware status:
v1.3
Kind of test item 2
(RX):
Remote Keyless Entry
Model name:
4313-DAPB_LB
(Si4313 LED receiver board low band
pcb ant)
HW hardware status:
v1.0
Power Supply:
3 V DC
Test performed:
Test Report authorised:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn