Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN616 Datasheet(PDF) 18 Page - Silicon Laboratories

Part No. AN616
Description  This document contains a complete test report that describes
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN616 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button AN616 Datasheet HTML 14Page - Silicon Laboratories AN616 Datasheet HTML 15Page - Silicon Laboratories AN616 Datasheet HTML 16Page - Silicon Laboratories AN616 Datasheet HTML 17Page - Silicon Laboratories AN616 Datasheet HTML 18Page - Silicon Laboratories AN616 Datasheet HTML 19Page - Silicon Laboratories AN616 Datasheet HTML 20Page - Silicon Laboratories AN616 Datasheet HTML 21Page - Silicon Laboratories AN616 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AN616
18
Rev. 0.1
Test report no.: 4-3476-01-01/11
2011-04-29
Page 17 of 26
9.2.4 Measurement results
EMS BCI 1-400M 200mA CL AM TX and RX active
0
20
40
60
80
100
120
140
160
180
200
220
1M
2M
3M
4M 5M 6
8 10M
20M
30M
40 50 60
80 100M
200
300 400M
Frequency in Hz
Imm Level-Pk
TargetLevel
400,000000 MHz
148,682 mA
0
2
4
6
8
10
12
14
16
18
1M
2M
3M
4M 5M 6
8 10M
20M
30M
40 50 60
80 100M
200
300 400M
Frequency in Hz
Trd In Fwd
RCLimit
400,000000 MHz
11,324 W
Result Table_NOGO
Frequency
(MHz)
Imm Level-Pk
(mA)
Trd In Fwd
(W)
Amp In
(dBm)
Gen Out
(dBm)
Comment
Modulation
26.283490
134.137
8.572
-15.6
-14.5
28.977547
109.733
8.717
-16.1
-15.0
LED 4 flashing cont.
AM;1kHz;80%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn