Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN616 Datasheet(PDF) 8 Page - Silicon Laboratories

Part No. AN616
Description  This document contains a complete test report that describes
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN616 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button AN616 Datasheet HTML 4Page - Silicon Laboratories AN616 Datasheet HTML 5Page - Silicon Laboratories AN616 Datasheet HTML 6Page - Silicon Laboratories AN616 Datasheet HTML 7Page - Silicon Laboratories AN616 Datasheet HTML 8Page - Silicon Laboratories AN616 Datasheet HTML 9Page - Silicon Laboratories AN616 Datasheet HTML 10Page - Silicon Laboratories AN616 Datasheet HTML 11Page - Silicon Laboratories AN616 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AN616
8
Rev. 0.1
Test report no.: 4-3476-01-01/11
2011-04-29
Page 7 of 26
8
Detailed test results - Emission
8.1
Radiated Emission with Antenna 30-1000 MHz
8.1.1 Test results
EMI 30-1000 MHz only TX
EUT Information
EUT Name:
Tx: 4010-DAPB_434; Rx: 4313-DAPB_LB
Manufacturer:
Silicon Labs
Serial Number:
Demo
Hardware Rev:
Tx: 1.3; Rx: 1.0
Common Information
Test Description:
Radiated Emission - Antenna 30-1000 MHz ver+hor (max)
Operating Conditions:
Transmitting 433 MHz
Operator Name:
SCN
0
10
20
30
40
50
60
70
80
90
30M
50
60
80
100M
200
300
400
500
800
1G
Frequency in Hz
ESU EMI 55025
ECE-R 10 BB
ECE-R 10 NB
72_245 NB
72_245 BB
The peaks are the transmitter frequency and the 1
st harmonics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn