Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN616 Datasheet(PDF) 5 Page - Silicon Laboratories

Part No. AN616
Description  This document contains a complete test report that describes
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILABS [Silicon Laboratories]
Homepage  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN616 Datasheet(HTML) 5 Page - Silicon Laboratories

  AN616 Datasheet HTML 1Page - Silicon Laboratories AN616 Datasheet HTML 2Page - Silicon Laboratories AN616 Datasheet HTML 3Page - Silicon Laboratories AN616 Datasheet HTML 4Page - Silicon Laboratories AN616 Datasheet HTML 5Page - Silicon Laboratories AN616 Datasheet HTML 6Page - Silicon Laboratories AN616 Datasheet HTML 7Page - Silicon Laboratories AN616 Datasheet HTML 8Page - Silicon Laboratories AN616 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AN616
Rev. 0.1
5
Test report no.: 4-3476-01-01/11
2011-04-29
Page 4 of 26
6
Information about test conditions
6.1
Test item
Kind of test item
:
Remote Keyless Entry
Type identification 1 (TX)
:
4010-DAPB_434
(Si4010 Universal Key Fob 434MHz)
Type identification 2 (RX)
:
4313-DAPB_LB
(Si4313 LED receiver board low band pcb ant)
Equipment classification:
Equipment for vehicular use
Supply voltage
:
3 V DC
Ports
:
Description
Direction
DC port (via Battery clip)
Input
Mounting position:
unknown
In case of immunity testing (EMS): Observing or/and recording following functions:
Observing status LED’s at the receiver
Additional information:
During the test we have tested the transmitter and the receiver together in the chamber.
In some cases TX and RX were tested in stand-alone.
6.2
EUT: Type, S/N etc. and short descriptions used in this test report
short
descrip-
tion*)
EUT
Type
S/N
serial number
HW
hardware
status
SW
software
status
EUT A
TX
4010-DAPB_434
Demo
v1.3
---
EUT B
RX
4313-DAPB_LB
Demo
v1.0
---
EUT C
*) EUT short description is used to simplify the identification of the EUT in this test report.
6.3
EUT operating modes
Tests are described in detailed test results
EUT
operating
mode no.*)
Description of operating modes
Additional information
op. 1
TX/RX active
Transmitting at 433 MHz and receiving
op. 2
TX/RX Stand-by
RX in receiving mode, no transmitter carrier
op. 3
TX alone
Transmitting at 433 MHz. (receiver outside the chamber)
op. 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn