Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C12476 Datasheet(PDF) 4 Page - Cree, Inc

Part # C12476
Description  Mirella reflector
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12476 Datasheet(HTML) 4 Page - Cree, Inc

  C12476 Datasheet HTML 1Page - Cree, Inc C12476 Datasheet HTML 2Page - Cree, Inc C12476 Datasheet HTML 3Page - Cree, Inc C12476 Datasheet HTML 4Page - Cree, Inc C12476 Datasheet HTML 5Page - Cree, Inc C12476 Datasheet HTML 6Page - Cree, Inc C12476 Datasheet HTML 7Page - Cree, Inc C12476 Datasheet HTML 8Page - Cree, Inc C12476 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
0%
25%
50%
75%
100%
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
70
Relative intensity of C12476_Mirella_50-S_(CLL020)


Similar Part No. - C12476

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
   ~15째 spot beam
More results

Similar Description - C12476

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15559 LEDIL-F15559 Datasheet
1Mb / 27P
   Mirella Reflector
logo
Cree, Inc
C14123 CREE-C14123 Datasheet
300Kb / 3P
   Mirella reflector
CN12484 CREE-CN12484 Datasheet
2Mb / 50P
   Mirella reflector
C12478 CREE-C12478 Datasheet
2Mb / 63P
   Mirella reflector
C12477 CREE-C12477 Datasheet
3Mb / 62P
   Mirella reflector
CN12483 CREE-CN12483 Datasheet
2Mb / 52P
   Mirella reflector
logo
Ledil, Inc.
F15558 LEDIL-F15558 Datasheet
1Mb / 29P
   Mirella Reflector
F16002 LEDIL-F16002 Datasheet
1Mb / 23P
   Mirella Reflector
logo
Cree, Inc
CN12485 CREE-CN12485 Datasheet
2Mb / 54P
   Mirella reflector
logo
Ledil, Inc.
F15560 LEDIL-F15560 Datasheet
1Mb / 29P
   Mirella Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com