Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

33702 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. 33702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33702 Datasheet(HTML) 5 Page - Motorola, Inc

  33702 Datasheet HTML 1Page - Motorola, Inc 33702 Datasheet HTML 2Page - Motorola, Inc 33702 Datasheet HTML 3Page - Motorola, Inc 33702 Datasheet HTML 4Page - Motorola, Inc 33702 Datasheet HTML 5Page - Motorola, Inc 33702 Datasheet HTML 6Page - Motorola, Inc 33702 Datasheet HTML 7Page - Motorola, Inc 33702 Datasheet HTML 8Page - Motorola, Inc 33702 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33702
5
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
Supply Voltage
VIN1, VIN2
-0.3 to 7.0
V
Switching Node
SW
-1.0 to 7.0
V
Buck Regulator Bootstrap Input (BOOT - SW)
BOOT
-0.3 to 8.5
V
Boost Regulator Output
VBST
-0.3 to 8.5
V
Boost Regulator Drain
VBD
-0.3 to 9.5
V
RESET
Drain Voltage
RESET
-0.3 to 7.0
V
Enable Pins (EN1, EN2)
-0.3 to 7.0
V
Logic Pins (SDA, SCL, CLKSYN)
-0.3 to 7.0
V
Analog Pins (INV, VOUT, RESET)
-0.3 to 7.0
V
Analog Pins (LDRV, LFB, LDO, LCMP, CS)
-0.3 to 8.5
V
Analog Pins (CLKSEL, ADDR, RT, FREQ, VDDI)
-0.3 to 3.6
V
ESD Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
VESD1
VESD2
±2000
±200
V
Storage Temperature
TSTG
-65 to 150
°C
Power Dissipation (TA = 85°C) (Note 3)
PD
TBD
W
Lead Soldering Temperature (Note 4)
TSOLDER
260
°C
Maximum Junction Temperature
TJMAX
125
°C
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
68
°C/W
Thermal Resistance, Junction to Base (Note 6)
RθJB
18
°C/W
OPERATING CONDITIONS
Supply Voltage (VIN1, VIN2)VIN1, VIN2
2.8 to 6.0
V
Operational Package Temperature (Ambient Temperature)
TA
-40 to 85
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
2.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
3.
Maximum power dissipation at indicated junction temperature.
4.
Lead soldering temperature limit is for 10 seconds maximum duration. Contact Motorola Sales Office for device immersion soldering time/
temperature limits.
5.
Thermal resistance measured in accordance with EIA/JESD51-2.
6.
Theoretical thermal resistance from the die junction to the exposed pins.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn