Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

33702 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. 33702
Description  3.0 A Switch-Mode Power Supply with Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

33702 Datasheet(HTML) 4 Page - Motorola, Inc

  33702 Datasheet HTML 1Page - Motorola, Inc 33702 Datasheet HTML 2Page - Motorola, Inc 33702 Datasheet HTML 3Page - Motorola, Inc 33702 Datasheet HTML 4Page - Motorola, Inc 33702 Datasheet HTML 5Page - Motorola, Inc 33702 Datasheet HTML 6Page - Motorola, Inc 33702 Datasheet HTML 7Page - Motorola, Inc 33702 Datasheet HTML 8Page - Motorola, Inc 33702 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
33702
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
23
VDDI
Power Supply
Internal supply voltage.
26
ADDR
Address
I2C address selection. This pin can be either left open, tied to VDDI, or grounded through
a 10 k
Ω resistor.
27
EN1
Enable 1
Enable 1 Input. The combination of the logic state of the Enable 1 and Enable 2 inputs
determine operation mode and type of power sequencing of the IC.
28
EN2
Enable 2
Enable 2 Input. The combination of the logic state of the Enable 1 and Enable 2 inputs
determine operation mode and type of power sequencing of the IC.
29
RT
Reset Timer
This pin allows programming the Power-ON Reset delay by means of an external RC
network.
30
RESET
Reset Overbar
The Reset Control circuit monitors both the switching regulator and the LDO feedback
voltages. It is an open drain output and has to be pulled up to some supply voltage (e.g.,
the output of the LDO) by an external resistor.
31
CLKSEL
Clock Selection
This pin sets the CLKSYN pin either as an oscillator output or synchronization input pin.
The CLKSEL pin is also used for the I2C address selection.
32
CLKSYN
Clock Synchronization
Oscillator output/synchronization input pin.
PIN FUNCTION DESCRIPTION (continued)
Pin
Pin Name
Formal Name
Definition
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn