Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5821LW Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # UCN5821LW
Description  BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5821LW Datasheet(HTML) 1 Page - Allegro MicroSystems

  UCN5821LW Datasheet HTML 1Page - Allegro MicroSystems UCN5821LW Datasheet HTML 2Page - Allegro MicroSystems UCN5821LW Datasheet HTML 3Page - Allegro MicroSystems UCN5821LW Datasheet HTML 4Page - Allegro MicroSystems UCN5821LW Datasheet HTML 5Page - Allegro MicroSystems UCN5821LW Datasheet HTML 6Page - Allegro MicroSystems UCN5821LW Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2
3
4
5
6
7
8
SERIAL
DATA OUT
SERIAL
DATA IN
OUTPUT
ENABLE
LOGIC
SUPPLY
STROBE
LOGIC
GROUND
CLOCK
CLK
V
ST
OE
DD
1
SUB
POWER
GROUND
9
10
11
12
13
14
15
16
OUT 1
OUT2
OUT 3
Dwg. PP-026A
OUT8
OUT7
OUT6
OUT5
OUT4
BiMOS II 8-BIT SERIAL-INPUT,
LATCHED DRIVERS
Always order by complete part number, e.g., UCN5821A .
5821
Note the DIP package and the SOIC package are
electrically identical and share common terminal
number assignments.
A merged combination of bipolar and MOS technology gives
these devices an interface flexibility beyond the reach of standard
logic buffers and power driver arrays. The UCN5821A and
UCN5821LW each have an eight-bit CMOS shift register and
CMOS control circuitry, eight CMOS data latches, and eight
bipolar current-sinking Darlington output drivers.
BiMOS II devices have much higher data-input rates than the
original BiMOS circuits. With a 5 V logic supply, they will
typically operate at better than 5 MHz. With a 12 V supply,
significantly higher speeds are obtained. The CMOS inputs are
compatible with standard CMOS and NMOS logic levels. TTL
circuits may require the use of appropriate pull-up resistors. By
using the serial data output, the drivers can be cascaded for
interface applications requiring additional drive lines.
The UCN5821A are furnished in a standard 16-pin plastic
DIP; the UCN5821LW are in a 16-lead wide-body SOIC for sur-
face-mount applications. The UCN5821A is also available for
operation from -40
°C to +85°C. To order, change the prefix from
‘UCN’ to ‘UCQ’.
FEATURES
s To 3.3 MHz Data Input Rate
s CMOS, NMOS, TTL Compatible
s Internal Pull-Down Resistors
s Low-Power CMOS Logic & Latches
s High-Voltage Current-Sink Outputs
s Automotive Capable
ABSOLUTE MAXIMUM RATINGS
at 25
°C Free-Air Temperature
Output Voltage, VOUT ..................... 50 V
Logic Supply Voltage, VDD ............. 15 V
Input Voltage Range,
VIN .................. -0.3 V to VDD + 0.3 V
Continuous Output Current,
IOUT ..................................... 500 mA
Package Power Dissipation, PD
Package Code ‘A’ .................. 2.1 W
Package Code ‘LW’ ............... 1.5 W
Operating Temperature Range,
TA ............................ -20°C to +85°C
Storage Temperature Range,
TS .......................... -55°C to +150°C
Caution: CMOS devices have input static protection
but are susceptible to damage when exposed to
extremely high static electrical charges.
www.allegromicro.com


Similar Part No. - UCN5821LW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5821LW ALLEGRO-UCN5821LW Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
UCN5821LW ALLEGRO-UCN5821LW Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
More results

Similar Description - UCN5821LW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5800 ALLEGRO-5800 Datasheet
117Kb / 12P
   BiMOS II LATCHED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com