Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74ACT11593 Datasheet(PDF) 6 Page - Texas Instruments

Part No. 74ACT11593
Description  8-BIT BINARY COUNTER WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

74ACT11593 Datasheet(HTML) 6 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74ACT11593
8-BIT BINARY COUNTER
WITH PARALLEL-INPUT REGISTERS AND 3-STATE OUTPUTS
SCAS203 – JUNE 1992 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–6
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency, CCK or RCK
52
52
MHz
CCK high or low
9.6
9.6
t
Pulse duration
RCK high or low
5.8
5.8
ns
tw
Pulse duration
CCLR low
7.6
7.6
ns
CLOAD low
6.2
6.2
CCKEN low before CCK
3.6
3.6
CCKEN high before CCK
4
4
t
Setup time
CCLR high before CCK
1.2
1.2
ns
tsu
Setup time
CLOAD high before CCK
5.1
5.1
ns
RCK
↑ before CLOAD↑†
7.4
7.4
Data A thru H before RCK
2.4
2.4
th
Hold time
Data A thru H after RCK
1.2
1.2
ns
th
Hold time
All others
0.8
0.8
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
fmax
52
52
MHz
tPLH
CCK
Q
5.6
10.2
13.3
5.6
15.1
ns
tPHL
CCK
Q
5.8
10.3
13.3
5.8
15
ns
tPLH
CLOAD
Q
5.5
12
16.9
5.5
19.1
ns
tPHL
CLOAD
Q
5.8
13.5
19.4
5.8
21.7
ns
tPHL
CCLR
Q
5
10.4
14.3
5
16
ns
tPZH
OE
Q
5.9
10.9
14.3
5.9
16.3
ns
tPZL
OE
Q
5.9
11.1
14.8
5.9
16.9
ns
tPZH
OE
Q
4.9
10.4
14.4
4.9
16.5
ns
tPZL
OE
Q
5.1
10.7
15
5.1
17
ns
tPHZ
OE
Q
5.3
9
11.8
5.3
12.9
ns
tPLZ
OE
Q
6.2
10.2
13.1
6.2
14.4
ns
tPHZ
OE
Q
5.6
8.6
10.7
5.6
11.6
ns
tPLZ
OE
Q
6.4
9.9
12
6.4
13.3
ns
tPLH
CCK
RCO
4.9
9.2
12.1
4.9
13.7
ns
tPHL
CCK
RCO
5.8
10.9
14.3
5.8
16.3
ns
tPLH
CLOAD
RCO
4.6
9.6
13.3
4.6
15
ns
tPHL
CLOAD
RCO
7.1
13.6
18.5
7.1
21
ns
tPLH
CCLR
RCO
5.1
10.3
14.5
5.1
16.2
ns
tPLH
RCK
RCO
6.7
12
15.6
6.7
17.7
ns
tPHL
RCK
RCO
7.5
13.6
17.8
7.5
20.2
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn