Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56800FM Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56800FM
Description  56F801 16-bit Hybrid Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56800FM Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56800FM Datasheet HTML 7Page - Motorola, Inc DSP56800FM Datasheet HTML 8Page - Motorola, Inc DSP56800FM Datasheet HTML 9Page - Motorola, Inc DSP56800FM Datasheet HTML 10Page - Motorola, Inc DSP56800FM Datasheet HTML 11Page - Motorola, Inc DSP56800FM Datasheet HTML 12Page - Motorola, Inc DSP56800FM Datasheet HTML 13Page - Motorola, Inc DSP56800FM Datasheet HTML 14Page - Motorola, Inc DSP56800FM Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
JTAG/OnCE
56F801 Technical Data
11
2.10 JTAG/OnCE
Part 3 Specifications
3.1 General Characteristics
The 56F801 is fabricated in high-density CMOS with 5-volt tolerant TTL-compatible digital inputs. The
term “5-volt tolerant” refers to the capability of an I/O pin, built on a 3.3V compatible process technology,
to withstand a voltage up to 5.5V without damaging the device. Many systems have a mixture of devices
designed for 3.3V and 5V power supplies. In such systems, a bus may carry both 3.3V and 5V- compatible
I/O voltage levels (a standard 3.3V I/O is designed to receive a maximum voltage of 3.3V
± 10% during
normal operation without causing damage). This 5V-tolerant capability therefore offers the power savings
of 3.3V I/O levels while being able to receive 5V levels without being damaged.
Absolute maximum ratings given in Table 14 are stress ratings only, and functional operation at the
maximum is not guaranteed. Stress beyond these ratings may affect device reliability or cause permanent
damage to the device.
The 56F801 DC and AC electrical specifications are preliminary and are from design simulations. These
specifications may not be fully tested or guaranteed at this early stage of the product life cycle. Finalized
specifications will be published after complete characterization and device qualifications have been
completed.
Table 13. JTAG/On-Chip Emulation (OnCE) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
1
TCK
Input
(Schmitt)
Input, pulled
low internally
Test Clock Input—This input pin provides a gated clock to
synchronize the test logic and shift serial data to the JTAG/OnCE port.
The pin is connected internally to a pull-down resistor.
1
TMS
Input
(Schmitt)
Input, pulled
high internally
Test Mode Select Input—This input pin is used to sequence the JTAG
TAP controller’s state machine. It is sampled on the rising edge of TCK
and has an on-chip pull-up resistor.
1
TDI
Input
(Schmitt)
Input, pulled
high internally
Test Data Input—This input pin provides a serial input data stream to
the JTAG/OnCE port. It is sampled on the rising edge of TCK and has
an on-chip pull-up resistor.
1
TDO
Output
Tri-stated
Test Data Output—This tri-statable output pin provides a serial output
data stream from the JTAG/OnCE port. It is driven in the Shift-IR and
Shift-DR controller states, and changes on the falling edge of TCK.
1
TRST
Input
(Schmitt)
Input, pulled
high internally
Test Reset—As an input, a low signal on this pin provides a reset
signal to the JTAG TAP controller. To ensure complete hardware reset,
TRST should be asserted whenever RESET is asserted. The only
exception occurs in a debugging environment when a hardware device
reset is required and it is necessary not to reset the OnCE/JTAG
module. In this case, assert RESET, but do not assert TRST.
1
DE
Output
Output
Debug Event—DE provides a low pulse on recognized debug events.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56800FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56800FM MOTOROLA-DSP56800FM Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56800FM MOTOROLA-DSP56800FM Datasheet
591Kb / 44P
   Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
DSP56800FM/D MOTOROLA-DSP56800FM/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
DSP56800FM/D MOTOROLA-DSP56800FM/D Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
DSP56800FMD MOTOROLA-DSP56800FMD Datasheet
591Kb / 44P
   Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
More results

Similar Description - DSP56800FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
56F827 MOTOROLA-56F827 Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
56F8356 MOTOROLA-56F8356 Datasheet
1Mb / 160P
   56F8356 16-bit Hybrid Controller
MC56F8346 MOTOROLA-MC56F8346 Datasheet
1Mb / 160P
   56F8346 16-bit Hybrid Controller
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 128P
   56F8322 16-bit Hybrid Controller
56F8345 MOTOROLA-56F8345 Datasheet
1Mb / 148P
   56F8345 16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com