Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8322 Datasheet(PDF) 7 Page - Motorola, Inc

Part # 56F8322
Description  56F8322 16-bit Hybrid Controller
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F8322 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button 56F8322 Datasheet HTML 3Page - Motorola, Inc 56F8322 Datasheet HTML 4Page - Motorola, Inc 56F8322 Datasheet HTML 5Page - Motorola, Inc 56F8322 Datasheet HTML 6Page - Motorola, Inc 56F8322 Datasheet HTML 7Page - Motorola, Inc 56F8322 Datasheet HTML 8Page - Motorola, Inc 56F8322 Datasheet HTML 9Page - Motorola, Inc 56F8322 Datasheet HTML 10Page - Motorola, Inc 56F8322 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Architecture Block Diagram
56F8322 Technical Data
7
Preliminary
1.4 Architecture Block Diagram
The 56F8322’s architecture is shown in Figure 1-1 and Figure 1-2. Figure 1-1 illustrates how the
56800E system buses communicate with internal memories and the IPBus Bridge. Table 1-1 lists
the internal buses in the 56800E architecture and provides a brief description of their function.
Figure 1-2 shows the peripherals and control blocks connected to the IPBus Bridge. The figures
do not show the on-board regulator and power and ground signals. They also do not show the
multiplexing between peripherals or the dedicated GPIOs. Please see Part 2 Signal/Connection
Descriptions to see which signals are multiplexed with those of other peripherals.
Also shown in Figure 1-2 are connections between the PWM, Timer C and ADC blocks. These
connections allow the PWM and/or Timer C to control the timing of the start of ADC conversions.
The Timer C channel indicated can generate periodic start (SYNC) signals to the ADC to start its
conversions. In another operating mode, the PWM load interrupt (SYNC output) signal is routed
internally to the Timer C input channel as indicated. The timer can then be used to introduce a
controllable delay before generating its output signal. The timer output then triggers the ADC. To
fully understand this interaction, please see the 56F8300 Peripheral User Manual for clarification
on the operation of all three of these peripherals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 56F8322

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 136P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8322

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
56F827 MOTOROLA-56F827 Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
56F8356 MOTOROLA-56F8356 Datasheet
1Mb / 160P
   56F8356 16-bit Hybrid Controller
56F801 MOTOROLA-56F801 Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
MC56F8346 MOTOROLA-MC56F8346 Datasheet
1Mb / 160P
   56F8346 16-bit Hybrid Controller
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
56F8345 MOTOROLA-56F8345 Datasheet
1Mb / 148P
   56F8345 16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com