Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F801 Datasheet(PDF) 8 Page - Motorola, Inc

Part # 56F801
Description  56F801 16-bit Hybrid Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F801 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button 56F801 Datasheet HTML 4Page - Motorola, Inc 56F801 Datasheet HTML 5Page - Motorola, Inc 56F801 Datasheet HTML 6Page - Motorola, Inc 56F801 Datasheet HTML 7Page - Motorola, Inc 56F801 Datasheet HTML 8Page - Motorola, Inc 56F801 Datasheet HTML 9Page - Motorola, Inc 56F801 Datasheet HTML 10Page - Motorola, Inc 56F801 Datasheet HTML 11Page - Motorola, Inc 56F801 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
56F801 Technical Data
2.4 Interrupt and Program Control Signals
2.5 Pulse Width Modulator (PWM) Signals
1
XTAL
GPIOB3
Output
Input/
Output
Chip-
driven
Input
Crystal Oscillator Output—This output should be connected to an
8MHz external crystal or ceramic resonator. For more information,
please refer to Section 3.5.
This pin can also be connected to an external clock source. For more
information, please refer to Section 3.5.3.
Port B GPIO—This multiplexed pin is a General Purpose I/O (GPIO)
pin that can be programmed as an input or output pin. This I/O can be
utilized when using the on-chip relaxation oscillator so the XTAL pin is
not needed.
Table 7. Interrupt and Program Control Signals
No. of
Pins
Signal
Name
Signal
Type
State
During
Reset
Signal Description
1
IRQA
Input
(Schmitt)
Input
External Interrupt Request A—The IRQA input is a
synchronized external interrupt request that indicates that an
external device is requesting service. It can be programmed to be
level-sensitive or negative-edge- triggered.
1
RESET
Input
(Schmitt)
Input
Reset—This input is a direct hardware reset on the processor.
When RESET is asserted low, the hybrid controller is initialized
and placed in the Reset state. A Schmitt trigger input is used for
noise immunity. When the RESET pin is deasserted, the initial
chip operating mode is latched from the EXTBOOT pin. The
internal reset signal will be deasserted synchronous with the
internal clocks, after a fixed number of internal clocks.
To ensure complete hardware reset, RESET and TRST should be
asserted together. The only exception occurs in a debugging
environment when a hardware device reset is required and it is
necessary not to reset the OnCE/JTAG module. In this case,
assert RESET, but do not assert TRST.
Table 8. Pulse Width Modulator (PWMA) Signals
No. of
Pins
Signal
Name
Signal
Type
State During
Reset
Signal Description
6
PWMA0-5
Output
Tri-stated
PWMA0-5— These are six PWMA output pins.
1
FAULTA0
Input
(Schmitt)
Input
FAULTA0— This fault input pin is used for disabling selected
PWMA outputs in cases where fault conditions originate off-
chip.
Table 6. PLL and Clock (Continued)
No. of
Pins
Signal
Name
Signal
Type
State
During Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 56F801

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F801 FREESCALE-56F801 Datasheet
622Kb / 48P
   16-bit Digital Signal Controllers
56F801 FREESCALE-56F801 Datasheet
541Kb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F801 NXP-56F801 Datasheet
731Kb / 48P
   16-bit Digital Signal Controllers
Rev. 17 09/2007
logo
Freescale Semiconductor...
56F8011 FREESCALE-56F8011 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8011 FREESCALE-56F8011 Datasheet
1Mb / 126P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F801

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
56F827 MOTOROLA-56F827 Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
56F8356 MOTOROLA-56F8356 Datasheet
1Mb / 160P
   56F8356 16-bit Hybrid Controller
MC56F8346 MOTOROLA-MC56F8346 Datasheet
1Mb / 160P
   56F8346 16-bit Hybrid Controller
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 128P
   56F8322 16-bit Hybrid Controller
56F8345 MOTOROLA-56F8345 Datasheet
1Mb / 148P
   56F8345 16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com