Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT750 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT750
Description  SCHOTTKY BARRIER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT750 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT750_16 Datasheet HTML 1Page - Pan Jit International Inc. BAT750_16 Datasheet HTML 2Page - Pan Jit International Inc. BAT750_16 Datasheet HTML 3Page - Pan Jit International Inc. BAT750_16 Datasheet HTML 4Page - Pan Jit International Inc. BAT750_16 Datasheet HTML 5Page - Pan Jit International Inc. BAT750_16 Datasheet HTML 6Page - Pan Jit International Inc. BAT750_16 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE . 1
May 9,2016-REV.03
BAT750
SCHOTTKY BARRIER DIODE
FEATURES
• Low VF
• High current capability
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : SOT-23, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight : 0.0003 ounces, 0.0084 grams
• Marking : 750
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Limit
Unit
Collector reverse voltage
VR
40
V
RMS reverse voltage
VR(RMS)
28
V
Forward current (continuous)
I F
750
mA
Forward voltage@
I F=750mA
VF
490
mV
A ver age peak fo r war d c ur r ent ; D C =50%
I FAV
1500
mA
Non repetitive forward current t<100
μs
t<8.3ms
I FSM
12
5.5
A
Power dissipation@TA=25oC
PTOT
350
mW
Typical thermal resistance, junction to ambient air
RΘJA
286
OC/W
Storage temperature range
TSTG
-55 to + 150
OC
J unc ti on te m per at ur e
TJ
125
OC
2
N/C
1
A
C
3
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)


Similar Part No. - BAT750_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT750 DIODES-BAT750_1 Datasheet
391Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30216 Rev. 10 - 2
BAT750 DIODES-BAT750_15 Datasheet
133Kb / 3P
   0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - BAT750_16

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com