Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM8L151K2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STM8L151K2
Description  Reset and supply management
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STM8L151K2 Datasheet HTML 4Page - STMicroelectronics STM8L151K2 Datasheet HTML 5Page - STMicroelectronics STM8L151K2 Datasheet HTML 6Page - STMicroelectronics STM8L151K2 Datasheet HTML 7Page - STMicroelectronics STM8L151K2 Datasheet HTML 8Page - STMicroelectronics STM8L151K2 Datasheet HTML 9Page - STMicroelectronics STM8L151K2 Datasheet HTML 10Page - STMicroelectronics STM8L151K2 Datasheet HTML 11Page - STMicroelectronics STM8L151K2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 122 page
background image
List of figures
STM8L151x2, STM8L151x3
8/122
DocID018780 Rev 9
Figure 46.
UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat
package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 107
Figure 47.
UFQFPN32 marking example (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 108
Figure 48.
UFQFPN28 - 28-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Figure 49.
UFQFPN28 - 28-lead, 7x7 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Figure 50.
UFQFPN28 marking example (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111
Figure 51.
UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
Figure 52.
UFQFPN20 - 20-lead, 3x3 mm, 0.5 mm pitch, ultra thin fine pitch quad flat
package recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
Figure 53.
UFQFPN20 marking example (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
Figure 54.
TSSOP20 – 20-lead thin shrink small outline, 6.5 x 4.4 mm, 0.65 mm pitch,
package outline. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Figure 55.
TSSOP20 – 20-lead thin shrink small outline, 6.5 x 4.4 mm, 0.65 mm pitch,
package footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
Figure 56.
TSSOP20 marking example (package top view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117


Similar Part No. - STM8L151K2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151K4 STMICROELECTRONICS-STM8L151K4 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151K4 STMICROELECTRONICS-STM8L151K4 Datasheet
1Mb / 142P
   Advanced STM8 core
April 2017 Rev 15
STM8L151K4T3 STMICROELECTRONICS-STM8L151K4T3 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151K4T3 STMICROELECTRONICS-STM8L151K4T3 Datasheet
2Mb / 122P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151K4T6 STMICROELECTRONICS-STM8L151K4T6 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
More results

Similar Description - STM8L151K2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L15XCC STMICROELECTRONICS-STM32L15XCC Datasheet
1Mb / 136P
   Reset and supply management
March 2016 Rev 12
STM32L053C6 STMICROELECTRONICS-STM32L053C6 Datasheet
1Mb / 132P
   Reset and supply management
October 2016 Rev 7
STM32L100X6 STMICROELECTRONICS-STM32L100X6 Datasheet
1Mb / 102P
   Reset and supply management
April 2016 Rev 5
STM32F303RD STMICROELECTRONICS-STM32F303RD Datasheet
2Mb / 184P
   Reset and supply management
STM32L100RC STMICROELECTRONICS-STM32L100RC Datasheet
1Mb / 104P
   Reset and supply management
March 2015 Rev 4
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
   Clock, reset and supply management
January 2011 Rev 8
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
   Clock, reset and supply management
April 2017 Rev 5
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
   Clock, reset and supply management
March 2016 Rev 10
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
   Clock, reset and supply management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com