Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE448SB3150JR06 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE448SB3150JR06
Description  Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 150 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE448SB3150JR06 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE448SB3150JR06 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - c23cd4fe-50bd-48a6-868e-ab4167baaa46
KEMET Part Number: PHE448SB3150JR06
(F448BD151J2K0C)
Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 150 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
Dimensions
L
18mm MAX
H
10.5mm MAX
T
5.5mm MAX
S
15mm +/-0.4mm
LL
6mm -1mm
F
0.8mm +/-0.05mm
G
0.5mm NOM
Packaging Specifications
Packaging: Bulk
Packaging Quantity: 1000
General Information
Dielectric: Film/Foil Polypropylene
Style: Radial
Series: PHE448/F448
Features: Pulse
RoHS: Yes
Lead: Wire Leads
Miscellaneous:
Not For New Design, Please
Check Possible Alternative Parts
(AltPart). Rthha= 87 C/W (85C),
0.2 m/s
Specifications
Capacitance: 150 pF
Capacitance Tolerance: 5%
Voltage DC: 2000 VDC, 1480 VDC (105C)
Voltage AC: 700 VAC
Temperature Range: -55/+105C
Rated Temperature: 85C
Dissipation Factor: 0.03% 1kHz, 0.05% 10kHz, 0.1%
100kHz
Insulation Resistance: 200 GOhms
Max dVdt: 25,000 V
Inductance: 6 nH
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE448SB3150JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448SB3150JR06 KEMET-PHE448SB3150JR06 Datasheet
130Kb / 2P
   Pulse capacitor, polypropylene film/foil
More results

Similar Description - PHE448SB3150JR06

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE448SB3100JR06 KEMET-PHE448SB3100JR06 Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 100 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448SB3220JR06 KEMET-PHE448SB3220JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 220 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448SB3470JR06 KEMET-PHE448SB3470JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 470 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448SB4150JR06 KEMET-PHE448SB4150JR06 Datasheet
56Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 1500 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
PHE448RB4330JR06 KEMET-PHE448RB4330JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 3300 pF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
PHE448RB5100JR06 KEMET-PHE448RB5100JR06 Datasheet
57Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, PHE448/F448, 0.01 uF, 5%, 1,600 V, 85C, Lead Spacing = 15mm
R73UI03304000J KEMET-R73UI03304000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 330 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73UI12204000J KEMET-R73UI12204000J Datasheet
54Kb / 1P
   Film, Film/Foil Polypropylene, Commercial Grade, R73, 2200 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R76UI0150SE40J KEMET-R76UI0150SE40J Datasheet
55Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, R76, 150 pF, 5%, 2,000 V, 85C, Lead Spacing = 15mm
R73RI12204000J KEMET-R73RI12204000J Datasheet
54Kb / 1P
   R73, Film, Film/Foil Polypropylene, Commercial Grade, 2200 pF, 5%, 1,250 V, 85C, Lead Spacing = 15mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com