Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6201P232MR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6201P232MR
Description  Positive Voltage Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6201P232MR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6201P232MR Datasheet HTML 1Page - Torex Semiconductor XC6201P232MR Datasheet HTML 2Page - Torex Semiconductor XC6201P232MR Datasheet HTML 3Page - Torex Semiconductor XC6201P232MR Datasheet HTML 4Page - Torex Semiconductor XC6201P232MR Datasheet HTML 5Page - Torex Semiconductor XC6201P232MR Datasheet HTML 6Page - Torex Semiconductor XC6201P232MR Datasheet HTML 7Page - Torex Semiconductor XC6201P232MR Datasheet HTML 8Page - Torex Semiconductor XC6201P232MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
XC6201 Series
186
3
■Pin Configuration
■Pin Assignment
SOT-89
(TOP VIEW)
VSS
VIN
VOUT
3
2
SOT-25
(TOP VIEW)
VSS
VIN
VOUT
3
2
5
NC
NC
4
SOT-25
SOT-89/TO-92(T)
5VOUT
Output
2VSS
Ground
1VIN
Power Input
3
(NC)
No Connection
4
1
2
3
(NC)
No Connection
PIN NUMBER
PIN NAME
FUNCTION
TO-92(L)
2
1
3
123
TO-92(T Type)
(TOP VIEW)
VSS VIN
VOUT
■Product Classification
GOrdering Information
XC6201P erty
q
w
Output Voltage Accuracy
1/2
e.g.1 : ±1.0%
2 : ±2.0%
M
Package Type:SOT-25
P
:SOT-89
13∼60
R
Embossed Tape:Standard Feed
Output Voltage
e.g. 30 : 3.0V
  50 : 5.0V
L
Embossed Tape:Reverse Feed
H
Paper Type(TO-92)
B
Bag(TO-92)
r
t
y
e
q
01
Indicates the
product number
w
P
Type of
regulator 3-pin
:TO-92(Standard)
:TO-92(Custom pin configuration)
DESIGNATOR SYMBOL DESCRIPTION DESIGNATOR SYMBOL
DESCRIPTION
T
L
123
TO-92 (L Type)
(TOP VIEW)
VSS VOUT VIN
03S_01XC6201 02.9.12 2:35 PM ページ 186


Similar Part No. - XC6201P232MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6201P201MR TOREX-XC6201P201MR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201MR-G TOREX-XC6201P201MR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201PR TOREX-XC6201P201PR Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201PR-G TOREX-XC6201P201PR-G Datasheet
1Mb / 24P
   Positive Voltage Regulators
XC6201P201TH TOREX-XC6201P201TH Datasheet
1Mb / 24P
   Positive Voltage Regulators
More results

Similar Description - XC6201P232MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com