Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK855 Datasheet(PDF) 1 Page - NEC

Part # 2SK855
Description  FAST SWITCHING N CHANNEL SILICON POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK855 Datasheet(HTML) 1 Page - NEC

  2SK855 Datasheet HTML 1Page - NEC 2SK855 Datasheet HTML 2Page - NEC 2SK855 Datasheet HTML 3Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SK855

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK850 ISC-2SK850 Datasheet
66Kb / 2P
   Drain Current ?밒D=40A@ TC=25C
2SK851 ISC-2SK851 Datasheet
66Kb / 2P
   Drain Current ?밒D=30A@ TC=25C
logo
Renesas Technology Corp
2SK852 RENESAS-2SK852 Datasheet
325Kb / 6P
   JUNCTION FIELD EFFECT TRANSISTOR
1987
2SK853 RENESAS-2SK853 Datasheet
347Kb / 6P
   JNCTION FIELD EFFECT TRANSISTORS
1987
2SK853A RENESAS-2SK853A Datasheet
347Kb / 6P
   JNCTION FIELD EFFECT TRANSISTORS
1987
More results

Similar Description - 2SK855

ManufacturerPart #DatasheetDescription
logo
NEC
2SK654 NEC-2SK654 Datasheet
136Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
2SK829 NEC-2SK829 Datasheet
142Kb / 4P
   FAST SWITCHING N CHANNEL SILICON POWER MOSFET
2SK821 NEC-2SK821 Datasheet
153Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
UPA1570H NEC-UPA1570H Datasheet
158Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
2SK825 NEC-2SK825 Datasheet
144Kb / 4P
   FAST SWITCHING N-CHANNEL SILICON POWER MOSFET
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G Datasheet
665Kb / 4P
   Silicon N-Channel MOSFET Fast switching speed
logo
NEC
2SJ142 NEC-2SJ142 Datasheet
159Kb / 4P
   FAST SWITCHING P-CHANNEL SILICON POWER MOSFET
logo
Renesas Technology Corp
HAT2203C RENESAS-HAT2203C Datasheet
97Kb / 7P
   Silicon N Channel MOSFET power switching
HAT2170H RENESAS-HAT2170H Datasheet
91Kb / 8P
   Silicon N Channel MOSFET Power Switching
HAF2017 RENESAS-HAF2017 Datasheet
134Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com