Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC570S40E3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC570S40E3
Description  Single issue 4-stage pipeline in-order execution core
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC570S40E3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC570S40E3 Datasheet HTML 7Page - STMicroelectronics SPC570S40E3 Datasheet HTML 8Page - STMicroelectronics SPC570S40E3 Datasheet HTML 9Page - STMicroelectronics SPC570S40E3 Datasheet HTML 10Page - STMicroelectronics SPC570S40E3 Datasheet HTML 11Page - STMicroelectronics SPC570S40E3 Datasheet HTML 12Page - STMicroelectronics SPC570S40E3 Datasheet HTML 13Page - STMicroelectronics SPC570S40E3 Datasheet HTML 14Page - STMicroelectronics SPC570S40E3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
DocID024492 Rev 6
11/68
SPC570S40Ex, SPC570S50Ex
Block diagram
67
Table 3 summarizes the functions of all blocks present in the SPC570Sx series of
microcontrollers. Please note that the presence and number of blocks vary by device and
package.
Table 3. SPC570Sx series block summary
Block
Function
e200z0 CPU
Allows single clock instruction execution
Analog-to-digital converter (ADC) Multi-channel, 12-bit analog-to-digital converter
Cross triggering unit (CTU)
Enables synchronization of ADC conversions with a timer event from the
eMIOS or from the PIT
Deserial serial peripheral
interface (DSPI)
Provides a synchronous serial interface for communication with external
devices
Enhanced Direct Memory Access
(eDMA)
Performs complex data transfers with minimal intervention from a host
processor via 16 programmable channels.
DMACHMUX
Allows to route a defined number of DMA peripheral sources to the DMA
channels
Flash memory
Provides non-volatile storage for program code, constants and variables
FlexCAN (controller area
network)
Supports the standard CAN communications protocol
PLL0
Output independent of core clock frequency
Frequency-modulated phase-
locked loop (PLL1)
Generates high-speed system clocks and supports programmable frequency
modulation
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests
AIPS
System bus to peripheral bus interface
RAM controller
Acts as an interface between the system bus and the integrated system RAM
System RAM
Supports read/write accesses mapped to the SRAM memory from any master
Flash memory controller
Acts as an interface between the system bus and the Flash memory module
Flash memory
Up to 512 KB of programmable, non-volatile Flash memory for code and 32 KB
for data
IRCOSC
Controls the internal 16 MHz RC oscillator system
XOSC
Controls the on-chip oscillator (XOSC) and provides the register interface for
the programmable features
JTAG Master
Provides software the option to write data for driving JTAG
JTAG Data Communication
Module
Provides the capability to move register data between the IPS and JTAG
domains
PASS
Programs a set of Flash memory access protections, based on user
programmable passwords
Sequence Processing Unit
Provides an on-device trigger functions similar to those found on a logic
analyzer
LINFlex controller
Manages a high number of LIN (Local Interconnect Network protocol)
messages efficiently with a minimum of CPU load


Similar Part No. - SPC570S40E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC570S-DISP STMICROELECTRONICS-SPC570S-DISP Datasheet
295Kb / 4P
   SPC570S-DISP Discovery evaluation board
April 2016
SPC570SADPT100S STMICROELECTRONICS-SPC570SADPT100S Datasheet
217Kb / 3P
   SPC570Sx microcontroller premium evaluation boards
June 2015 Rev 1
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
   SPC570Sx microcontroller premium evaluation boards
June 2015 Rev 1
More results

Similar Description - SPC570S40E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60X STMICROELECTRONICS-SPC56EL60X Datasheet
2Mb / 165P
   Dual issue five-stage pipeline core
July 2015 Rev 12
logo
Broadcom Corporation.
BCM53001 BOARDCOM-BCM53001 Datasheet
83Kb / 2P
   Dual-issue machine with out-of-order execution
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com