Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC564A70L7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SPC564A70L7
Description  Up to 4 multiply and accumulate operations per cycle
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A70L7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SPC564A70L7 Datasheet HTML 5Page - STMicroelectronics SPC564A70L7 Datasheet HTML 6Page - STMicroelectronics SPC564A70L7 Datasheet HTML 7Page - STMicroelectronics SPC564A70L7 Datasheet HTML 8Page - STMicroelectronics SPC564A70L7 Datasheet HTML 9Page - STMicroelectronics SPC564A70L7 Datasheet HTML 10Page - STMicroelectronics SPC564A70L7 Datasheet HTML 11Page - STMicroelectronics SPC564A70L7 Datasheet HTML 12Page - STMicroelectronics SPC564A70L7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 133 page
background image
SPC564A70B4, SPC564A70L7
Introduction
Doc ID 18078 Rev 4
9/133
Core Nexus
Class 3+
SRAM
128 KB
192 KB
Flash
2 MB
4 MB
Flash fetch accelerator
4
× 128-bit
4
× 256-bit
External bus
None
16-bit (incl. 32-bit muxed)
Calibration bus
16-bit (incl. 32-bit muxed)
DMA
64 channels
DMA Nexus
None
Serial
3
eSCI_A
Yes (MSC uplink)
eSCI_B
Yes (MSC uplink)
eSCI_C
Yes
CAN
3
CAN_A
64 message buffers
CAN_B
64 message buffers
CAN_C
64 message buffers
SPI
3
Micro Second Channel (MSC) bus downlink
Yes
DSPI_A
No
DSPI_B
Yes (with LVDS)
DSPI_C
Yes (with LVDS)
DSPI_D
Yes
FlexRay
Yes
System timers
5 PIT channels
4 STM channels
1 Software Watchdog
eMIOS
24 channels
eTPU
32-channel eTPU2
Code memory
14 KB
Data memory
3 KB
Reaction module
6 channels
Interrupt controller
485 channels(1)
ADC
40 channels
Table 2.
SPC564A70 device feature summary (continued)
Feature
SPC564A70
SPC564A80


Similar Part No. - SPC564A70L7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A70CAL176 STMICROELECTRONICS-SPC564A70CAL176 Datasheet
152Kb / 6P
   SPC564Axx microcontroller family calibration and emulation system
More results

Similar Description - SPC564A70L7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC564A74B4 STMICROELECTRONICS-SPC564A74B4 Datasheet
1Mb / 157P
   Up to 4 multiply and accumulate operations per cycle
September 2013 Rev 9
logo
Panasonic Semiconductor
MN103SB9 PANASONIC-MN103SB9_09 Datasheet
338Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
MN103SC6 PANASONIC-MN103SC6 Datasheet
330Kb / 3P
   Multiply and accumulate arithmetic. Multiplication. Saturated arithmetic
logo
Grayhill, Inc
61L515-N0-040C GRAYHILL-61L515-N0-040C Datasheet
160Kb / 2P
   Full Quadrature Cycle Per Detent
logo
Coolgear Inc.
U2CHGRHUB20 COOLGEAR-U2CHGRHUB20 Datasheet
683Kb / 2P
   Charge and Sync, provides up to 2.4Amps per port
Rev 01.200714
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
   Multiply faster
logo
ATMEL Corporation
AT89LP4052 ATMEL-AT89LP4052_14 Datasheet
1Mb / 94P
   Single Clock Cycle per Byte Fetch
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
   Up to 20 Updates per Second
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
   Up to 10 poles per module
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
   Up to 15 white LEDs per channel
June 2012 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com