Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6788A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6788A
Description  High current internal drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6788A Datasheet(HTML) 1 Page - STMicroelectronics

  L6788A Datasheet HTML 1Page - STMicroelectronics L6788A Datasheet HTML 2Page - STMicroelectronics L6788A Datasheet HTML 3Page - STMicroelectronics L6788A Datasheet HTML 4Page - STMicroelectronics L6788A Datasheet HTML 5Page - STMicroelectronics L6788A Datasheet HTML 6Page - STMicroelectronics L6788A Datasheet HTML 7Page - STMicroelectronics L6788A Datasheet HTML 8Page - STMicroelectronics L6788A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
July 2009
Doc ID 15341 Rev 2
1/18
18
L6788A
3-phase controller with embedded drivers
for the next GPU generation
Features
1, 2 or 3 selectable phase operation
Phases self detection
High current internal drivers
Versatile solution: serial and parallel VID for
output voltage setting
Serial BUS interface for power manager and
monitoring
Automatic startup phase procedure
Advanced IC and VRM thermal management
to assure robust design and safe operation
5 V LDO regulator output to increases design
flexibility.
Adjustable and precise output voltage
Full differential current sense across inductor
Differential remote voltage sensing
LSLess startup to manage pre-biased output
Programmable overcurrent protection
Adjustable switching frequency
Enable signal
VPQFN40 6x6 mm package with exposed pad
Applications
Graphic card GPU supply
High current DC-DC converters
Description
The device implements a one-to-three phases
step-down controller with three integrated high
current drivers in a compact 6x6 mm body
package with exposed pad.
Output voltage can be selected trough serial and
parallel VID up to 1.3500 V and managing D-VID
with ±2% output voltage accuracy.
The device manages serial BUS communication
to program power management functionalities as
well as monitoring.
The device features automatic startup phase
procedure and phases self detection for safe
operation.
The controller embeds 5 V LDO regulator
increasing design flexibility.
Advanced IC and VRM thermal management to
assure robust design and safe operation.
The controller assures fast protection against load
overcurrent and under / overvoltage.
L6788A is available in VPQFN 6 x 6 mm package.
Table 1.
Device summary
Order code
Package
Packing
L6788A
VPQFN40
Tray
L6788ATR
VPQFN40
Tape and reel
VPQFN40 - 6 x 6 mm
www.st.com


Similar Part No. - L6788A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6701 STMICROELECTRONICS-L6701 Datasheet
554Kb / 44P
   3 Phase Controller for VR10, VR9 and K8 CPUs
L6701TR STMICROELECTRONICS-L6701TR Datasheet
554Kb / 44P
   3 Phase Controller for VR10, VR9 and K8 CPUs
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
L6706TR STMICROELECTRONICS-L6706TR Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
More results

Similar Description - L6788A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS2004 NSC-DS2004 Datasheet
160Kb / 8P
   High Current/Voltage Darlington Drivers
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
logo
National Semiconductor ...
DS2001 NSC-DS2001 Datasheet
317Kb / 5P
   HIGH CURRENT / VOLTAGE DARLINGTON DRIVERS
logo
ON Semiconductor
NCD5703A ONSEMI-NCD5703A Datasheet
451Kb / 20P
   High Current IGBT Gate Drivers
January, 2018 ??Rev. 0
NCD5701 ONSEMI-NCD5701 Datasheet
465Kb / 20P
   High Current IGBT Gate Drivers
August, 2016 ??Rev. 1
NCV5705B ONSEMI-NCV5705B Datasheet
668Kb / 15P
   High Current IGBT Gate Drivers
March, 2022 - Rev. 3
logo
Fairchild Semiconductor
UA9665 FAIRCHILD-UA9665 Datasheet
261Kb / 6P
   High Current/VOLTAGE Darlington Drivers
logo
National Semiconductor ...
DS2003 NSC-DS2003 Datasheet
194Kb / 6P
   High Current/Voltage Darlington Drivers
logo
ON Semiconductor
NCV5703A ONSEMI-NCV5703A Datasheet
672Kb / 20P
   High Current IGBT Gate Drivers
August, 2019 ??Rev. 1
logo
Texas Instruments
UDN2841 TI-UDN2841 Datasheet
266Kb / 4P
[Old version datasheet]   QUADRUPLE HIGH-CURRENT DARLINGTON DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com